Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6911-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6911-2
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6911-2_15 Datasheet HTML 5Page - Linear Technology LTC6911-2_15 Datasheet HTML 6Page - Linear Technology LTC6911-2_15 Datasheet HTML 7Page - Linear Technology LTC6911-2_15 Datasheet HTML 8Page - Linear Technology LTC6911-2_15 Datasheet HTML 9Page - Linear Technology LTC6911-2_15 Datasheet HTML 10Page - Linear Technology LTC6911-2_15 Datasheet HTML 11Page - Linear Technology LTC6911-2_15 Datasheet HTML 12Page - Linear Technology LTC6911-2_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC6911-1/LTC6911-2
9
sn691112 691112fs
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC6911C and LTC6911I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LTC6911H is
guaranteed functional over the operating temperature range of – 40
°C to
125
°C.
Note 3: The LTC6911C is guaranteed to meet specified performance from
0
°C to 70°C. The LTC6911C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. LTC6911I is guaranteed to meet specified
performance from – 40
°C to 85°C. The LTC6911H is guaranteed to meet
specified performance from –40
°C to 125°C.
Note 4: Output voltage swings are measured as differences between the
output and the respective supply rail.
Note 5: Extended operation with output shorted may cause junction
temperature to exceed the 150
°C limit and is not recommended.
Note 6: Gain is measured with a DC large-signal test using an output
excursion between approximately 30% and 70% of the total supply
voltage.
Note 7: Channel-to-channel isolation is measured by applying a 200kHz
input signal to one channel so that its output varies 1VRMS and measuring
the output voltage RMS of the other channel relative to AGND with its
input tied to AGND. Isolation is calculated:
Isolation
V
V
Isolation
V
V
A
OUTB
OUTA
B
OUTA
OUTB
==
20
20
10
10
• log
,
• log
Note 8: Offset voltage referred to the INA or INB input is (1 + 1/G) times
the offset voltage of the internal op amp, where G is the nominal gain
magnitude. See Applications Information.
Note 9: Input resistance can vary by approximately
±30% part-to-part at a
given gain setting (input resistance match remains as specified).
C/I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
LTC6911-2 Only
DC Input Resistance Match
Gain = 1
q
10
10
RINA – RINB
Gain = 2
q
55
Gain = 4
q
22
Gain > 4
q
11
DC Small-Signal Output Resistance
DC VINA or VINB = 0V
at OUTA or OUTB Pins
Gain = 0
0.4
0.4
Gain = 1
0.7
0.7
Gain = 2
1.0
1.0
Gain = 4
1.9
1.9
Gain = 8
3.4
3.4
Gain = 16
6.4
6.4
Gain = 32
15
15
Gain = 64
30
30
Wideband Noise (Referred to Input)
f = 1kHz to 200kHz
Gain = 0 (Output Noise Only)
7.4
7.4
µVRMS
Gain = 1
12.4
12.4
µVRMS
Gain = 2
8.5
8.5
µVRMS
Gain = 4
6.5
6.5
µVRMS
Gain = 8
5.5
5.5
µVRMS
Gain = 16
5.2
5.2
µVRMS
Gain = 32
4.9
4.9
µVRMS
Gain = 64
4.3
4.3
µVRMS
Voltage Noise Density
f = 50kHz
(Referred to Input)
Gain = 1
28.0
28.0
nV/
√Hz
Gain = 2
19.0
19.0
nV/
√Hz
Gain = 4
14.8
14.8
nV/
√Hz
Gain = 8
12.7
12.7
nV/
√Hz
Gain = 16
11.8
11.8
nV/
√Hz
Gain = 32
11.5
11.5
nV/
√Hz
Gain = 64
10.9
10.9
nV/
√Hz
Total Harmonic Distortion
Gain = 8, fIN = 10kHz, VOUT = 1VRMS
–90
– 90
dB
0.003
0.003
%
Gain = 8, fIN = 100kHz, VOUT = 1VRMS
–82
– 82
dB
0.008
0.008
%
Gain-Bandwidth Product
Gain = 64, fIN = 200kHz
q
6
11
17
6
11
17
MHz


Similar Part No. - LTC6911-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-2 LINER-LTC6911-2 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
More results

Similar Description - LTC6911-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com