Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2881 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2881
Description  Complete Isolated RS485/RS422 Module Transceiver Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881 Datasheet(HTML) 3 Page - Linear Technology

  LTM2881_15 Datasheet HTML 1Page - Linear Technology LTM2881_15 Datasheet HTML 2Page - Linear Technology LTM2881_15 Datasheet HTML 3Page - Linear Technology LTM2881_15 Datasheet HTML 4Page - Linear Technology LTM2881_15 Datasheet HTML 5Page - Linear Technology LTM2881_15 Datasheet HTML 6Page - Linear Technology LTM2881_15 Datasheet HTML 7Page - Linear Technology LTM2881_15 Datasheet HTML 8Page - Linear Technology LTM2881_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM2881
3
2881fh
For more information www.linear.com/LTM2881
orDer inForMaTion
PART NUMBER
INPUT
VOLTAGE
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2881CY-3#PBF
3V to 3.6V
SAC305 (RoHS)
LTM2881Y-3
e1
BGA
3
0°C to 70°C
LTM2881IY-3#PBF
–40°C to 85°C
LTM2881HY-3#PBF
–40°C to 105°C
LTM2881HY-3
SnPb (63/37)
e0
–40°C to 105°C
LTM2881MPY-3#PBF
SAC305 (RoHS)
e1
–55°C to 105°C
LTM2881MPY-3
SnPb (63/37)
e0
–55°C to 105°C
LTM2881CY-5#PBF
4.5V to 5.5V
SAC305 (RoHS)
LTM2881Y-5
e1
0°C to 70°C
LTM2881IY-5#PBF
–40°C to 85°C
LTM2881HY-5#PBF
–40°C to 105°C
LTM2881HY-5
SnPb (63/37)
e0
–40°C to 105°C
LTM2881MPY-5#PBF
SAC305 (RoHS)
e1
–55°C to 105°C
LTM2881MPY-5
SnPb (63/37)
e0
–55°C to 105°C
LTM2881CV-3#PBF
3V to 3.6V
Au (RoHS)
LTM2881Y-3
e4
LGA
0°C to 70°C
LTM2881IV-3#PBF
–40°C to 85°C
LTM2881HV-3#PBF
–40°C to 105°C
LTM2881CV-5#PBF
4.5V to 5.5V
LTM2881Y-5
0°C to 70°C
LTM2881IV-5#PBF
–40°C to 85°C
LTM2881HV-5#PBF
–40°C to 105°C
•Devicetemperaturegradeisindicatedbyalabelontheshipping
container.
•PadorballfinishcodeisperIPC/JEDECJ-STD-609.
•TerminalFinishPartMarking:www.linear.com/leadfree
•Thisproductisnotrecommendedforsecondsidereflow.Formore
information, go to: www.linear.com/BGA-assy
•RecommendedBGAandLGAPCBAssemblyandManufacturing
Procedures: www.linear.com/umodule/pcbassembly
•LGAandBGAPackageandTrayDrawings:www.linear.com/packaging
•Thisproductismoisturesensitive.Formoreinformation,goto:
www.linear.com/umodule/pcbassembly


Similar Part No. - LTM2881_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
More results

Similar Description - LTM2881_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com