Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062A Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8062A
Description  32VIN, 2A Module Power Tracking Battery Chargers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062A Datasheet(HTML) 2 Page - Linear Technology

  LTM8062A_15 Datasheet HTML 1Page - Linear Technology LTM8062A_15 Datasheet HTML 2Page - Linear Technology LTM8062A_15 Datasheet HTML 3Page - Linear Technology LTM8062A_15 Datasheet HTML 4Page - Linear Technology LTM8062A_15 Datasheet HTML 5Page - Linear Technology LTM8062A_15 Datasheet HTML 6Page - Linear Technology LTM8062A_15 Datasheet HTML 7Page - Linear Technology LTM8062A_15 Datasheet HTML 8Page - Linear Technology LTM8062A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM8062/LTM8062A
2
8062fd
For more information www.linear.com/LTM8062
pin conFiguraTion
absoluTe MaxiMuM raTings
VINA, VIN ...................................................................40V
VINREG, RUN, CHRG, FAULT ......................VIN + 0.5, 40V
TMR, NTC ................................................................2.5V
BAT (LTM8062).........................................................15V
BAT (LTM8062A) ......................................................20V
BIAS..........................................................................10V
ADJ.............................................................................5V
Maximum Internal Operating Temperature
(Note 2)................................................................. 125°C
Maximum Body Solder Temperature..................... 245°C
(Note 1)
A
B
C
D
E
F
BANK 1
FAULT
ADJ
BIAS
BANK 2
BAT
GND
G
H
J
K
L
7
6
5
4
3
2
1
BANK 3
BANK 4
VIN
VINA
LGA PACKAGE
77-LEAD (15mm
× 9mm × 4.32mm)
TOP VIEW
CHRG GND
TMR
NTC
RUN VINREG
TJMAX = 125°C, θJA = 17.0°C/W, θJCbottom = 6.1°C/W,
θJCtop = 16.2°C/W, θJB = 11.2°C/W, WEIGHT = 1.7g
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
orDer inForMaTion
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8062EV#PBF
LTM8062EV#PBF
LTM8062V
77-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM8062IV#PBF
LTM8062IV#PBF
LTM8062V
77-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM8062AEV#PBF
LTM8062AEV#PBF
LTM8062AV
77-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM8062AIV#PBF
LTM8062AIV#PBF
LTM8062AV
77-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/


Similar Part No. - LTM8062A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8062A LINER-LTM8062A Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
More results

Similar Description - LTM8062A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062 LINER-LTM8062 Datasheet
587Kb / 20P
   32VIN, 2A 關Module Power Tracking Battery Charger
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com