Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1N80CWRPG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N80CWRPG
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N80CWRPG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM1N80CWRPG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRPG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM1N80
Taiwan Semiconductor
Document Number: DS_P0000037
1
Version: B15
N-Channel Power MOSFET
800V, 0.3A, 21.6Ω
FEATURES
Advanced planar process
100% avalanche tested
Fast switching
APPLICATION
Power Supply
Lighting
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
800
V
RDS(on) (max)
21.6
Qg
5
nC
SOT-223
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
800
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
0.3
A
Pulsed Drain Current
(Note 1)
IDM
1
A
Single Pulse Avalanche Energy
(Note 2)
EAS
90
mJ
Avalanche Current, Repetitive or Not-Repetitive
(Note 1)
IAR
1
A
Total Power Dissipation @ TC = 25°C
PDTOT
2.1
W
Operating Junction Temperature
TJ
150
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Ambient Thermal Resistance
RӨJA
60
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air


Similar Part No. - TSM1N80CWRPG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N80CWRP TSC-TSM1N80CWRP Datasheet
303Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - TSM1N80CWRPG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com