Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2N60E Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60E
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60E Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60E Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60E Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TSM2N60E
600V, 2A, 4
Ω
N-Channel Power MOSFET
6/7
Version: A14
TO-252 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M = Month Code for Halogen Free Product
(
O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code


Similar Part No. - TSM2N60E

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60 Datasheet
211Kb / 3P
   N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60 TSC-TSM2N60 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
211Kb / 3P
   N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
157Kb / 4P
   N-Channel Power Enhancement Mode MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
More results

Similar Description - TSM2N60E

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com