Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2N60ECHC5G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60ECHC5G
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60ECHC5G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60ECHC5G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60ECHC5G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM2N60E
600V, 2A, 4
Ω
N-Channel Power MOSFET
2/7
Version: A14
Electrical Specifications (T
C = 25℃ unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
(Note 5)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
600
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 1A
RDS(ON)
--
3.2
4
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
3
--
5
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
1
µA
VDS = 480V, TJ = 125℃
--
--
10
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
µA
Forward Transconductance
VDS = 30V, ID = 1A
gfs
--
3
--
S
Dynamic
(Note 6)
Total Gate Charge
VDS = 480V, ID = 2A,
VGS = 10V
Qg
--
9.5
--
nC
Gate-Source Charge
Qgs
--
2.1
--
Gate-Drain Charge
Qgd
--
3.9
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
Ciss
--
362
--
pF
Output Capacitance
Coss
--
40
--
Reverse Transfer Capacitance
Crss
--
7.2
--
Switching
(Note 7)
Turn-On Delay Time
VDD = 300V , VGS = 10V ,
RG = 25W, ID = 2A
td(on)
--
21
--
ns
Turn-On Rise Time
tr
--
22
--
Turn-Off Delay Time
td(off)
--
41
--
Turn-Off Fall Time
tf
--
21
--
Source-Drain Diode Ratings and Characteristic
(Note 5)
Maximum Continuous Drain-Source Diode Forward Current
IS
--
--
2
A
Maximum Pulse Drain-Source Diode Forward Current
ISM
--
--
8
A
Diode-Source Forward Voltage
VGS = 0V, IS = 2A
VSD
--
--
1.5
V
Reverse Recovery Time
VGS = 0V, IS = 2A
dIF/dt = 100A/µs
trr
--
238
--
ns
Reverse Recovery Charge
Qrr
--
0.8
--
nC
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
VDD = 50V, L= 30.5mH, IAS = 2A, RG = 25W, Starting TJ = 25℃
4.
ISD ≤ 2A, di/dt ≤ 200A/µs, VDD ≤ BVDS, Starting TJ = 25℃
5.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
6.
For DESIGN AID ONLY, not subject to production testing.
7.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM2N60ECHC5G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60 Datasheet
211Kb / 3P
   N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60 TSC-TSM2N60 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
211Kb / 3P
   N CHANNEL POWER ENHANCEMENT MODE MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
157Kb / 4P
   N-Channel Power Enhancement Mode MOSFET
TSM2N60CH TSC-TSM2N60CH Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
More results

Similar Description - TSM2N60ECHC5G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com