Electronic Components Datasheet Search |
|
UPD75P316BGK-BE9 Datasheet(PDF) 1 Page - NEC |
|
UPD75P316BGK-BE9 Datasheet(HTML) 1 Page - NEC |
1 / 46 page 4-BIT SINGLE-CHIP MICROCOMPUTER MOS INTEGRATED CIRCUIT Document No. IC-3189 The mark 5 shows the major revised points. (O.D. No. IC-8696) Date Published January 1994P Printed in Japan © NEC Corporation 1994 µPD75P316B DESCRIPTION The µPD75P316B is a product of the µPD75316B with its built-in ROM having been replaced with the one- time PROM. It is most suitable for test production during system development and for production in small amounts since it can operate under the same supply voltage as mask products. The one-time PROM product is capable of writing only once and is effective for production of many kinds of sets in small quantities and early startup. The EPROM product allows programs to be written and rewritten, making it ideal for system evaluation. Functions are described in detail in the following User'S Manual, which should be read when carrying out design work. µPD75308 User's Manual: IEM-5016 FEATURES • Compatible (excluding mask option) with the µPD75312B/75316B (mask products) • Memory capacity • Program memory (PROM) : 16256 × 8 bits • Data memory (RAM) : 1024 × 4 bits • Ideal for small set as camera, etc. DATA SHEET ORDERING INFORMATION Ordering Code Package Internal ROM Quality Grade µPD75P316BGC-3B9 80-pin plastic QFP (s s14 mm) One-time PROM Standard µPD75P316BGK-BE9 80-pin plastic QFP (fine pitch) (s s12 mm) One-time PROM Standard µPD75P316BKK-T* 80-pin ceramic WQNF (LCC with window) EPROM Not applicable (for function evaluation) * Under Development Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by NEC Corporation to know the specification of quality grade on the devices and its recommended applications. The information in this document is subject to change without notice. The µPD75P316B EPROM product does not provide a level of reliability suitable for use as a volume production product for customers' devices. The EPROM product should be used solely for function evaluation in experiments or preproduction. In descriptions common to one-time PROM products and EPROM products in this document, the term "PROM" is used. |
Similar Part No. - UPD75P316BGK-BE9 |
|
Similar Description - UPD75P316BGK-BE9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |