Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1629IG Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1629IG
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629IG Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1629IG Datasheet HTML 2Page - Linear Technology LTC1629IG Datasheet HTML 3Page - Linear Technology LTC1629IG Datasheet HTML 4Page - Linear Technology LTC1629IG Datasheet HTML 5Page - Linear Technology LTC1629IG Datasheet HTML 6Page - Linear Technology LTC1629IG Datasheet HTML 7Page - Linear Technology LTC1629IG Datasheet HTML 8Page - Linear Technology LTC1629IG Datasheet HTML 9Page - Linear Technology LTC1629IG Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1629/LTC1629-PG
Load Regulation
VITH vs VRUN/SS
SENSE Pins Total Source Current
Maximum Current Sense
Threshold vs Temperature
Soft-Start Up (Figure 12)
VITH
1V/DIV
VOUT
2V/DIV
VRUNSS
2V/DIV
100ms/DIV
1629 G20
Load Step (Figure 12)
IOUT
O/30A
VITH
1V/DIV
10
µs/DIV
1629 G21
RUN/SS Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (A)
0
–0.2
–0.1
4
1629 G13
–0.3
–0.4
1
2
3
5
0.0
FCB = 0V
VIN = 15V
FIGURE 1
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1629 G14
56
VOSENSE = 0.7V
VSENSE COMMON MODE VOLTAGE (V)
0
0
1629 G15
–50
–100
24
50
100
6
TEMPERATURE (
°C)
–50
–25
70
74
80
0
50
75
1629 G17
72
78
76
25
100
125
TEMPERATURE (
°C)
–50
–25
0
0.2
0.6
0.8
1.0
75
100
50
1.8
1629 G19
0.4
0
25
125
1.2
1.4
1.6
VOUT
200mV/DIV


Similar Part No. - LTC1629IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629 LINER-LTC1629 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1629 LINER-LTC1629 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1629-6 LINER-LTC1629-6 Datasheet
300Kb / 28P
   PolyPhase, Synchronous
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-PG LINER-LTC1629-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
More results

Similar Description - LTC1629IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com