Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM13N50 Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TSM13N50
Description  500V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM13N50 Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM13N50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM13N50 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TSM13N50
500V N-Channel Power MOSFET
10/10
Version: C12
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TSM13N50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50A TSC-TSM13N50A Datasheet
576Kb / 7P
   500V N-Channel MOSFET
TSM13N50ACIC0G TSC-TSM13N50ACIC0G Datasheet
576Kb / 7P
   500V N-Channel MOSFET
TSM13N50ACZC0G TSC-TSM13N50ACZC0G Datasheet
576Kb / 7P
   500V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM13N50CI VBSEMI-TSM13N50CI Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - TSM13N50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com