Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM22P10CZC0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM22P10CZC0G
Description  -100V P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM22P10CZC0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM22P10CZC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM22P10CZC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM22P10
-100V P-Channel Power MOSFET
1/7
Version: A14
TO-220
ITO-220
Key Parameter Performance
Parameter
Value
Unit
VDS
-100
V
RDS(on) (max)
VGS = -10V
140
m
Ω
VGS = -4.5V
170
Qg
42
nC
Application
l
Networking
l
Load Switch
l
LED applications
Block Diagram
P-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM22P10CZ C0G
TO-220
50pcs / Tube
TSM22P10CI C0G
ITO-220
50pcs / Tube
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (Tc = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
TO-220
ITO-220
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
(Note 1)
Tc = 25°
C
ID
-22
A
Tc = 100°
C
-14
A
Pulsed Drain Current
(Note 2)
IDM
-88
A
Power Dissipation @ TC = 25°C
PD
125
48
W
Operating Junction Temperature
TJ
150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Thermal Performance
Parameter
Symbol
Limit
Unit
TO-220
ITO-220
Thermal Resistance - Junction to Case
RӨJC
1.0
2.6
°
C/W
Thermal Resistance - Junction to Ambient
RӨJA
62
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM22P10CZC0G

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
   ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
   N-Channel Power MOSFET 60V, 35A, 22m廓
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
   DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
TSM221D STMICROELECTRONICS-TSM221D Datasheet
90Kb / 11P
   DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
More results

Similar Description - TSM22P10CZC0G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
   -40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
   -6.8A, -100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
   -23A, -100V P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
   25A, 100V P-CHANNEL POWER MOSFET
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
   -50A, -100V P-CHANNEL POWER MOSFET
UF9530 UTC-UF9530 Datasheet
150Kb / 6P
   -14A, -100V P-CHANNEL POWER MOSFET
12P10 UTC-12P10_11 Datasheet
270Kb / 6P
   9.4A, 100V P-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK18P10D FS-FTK18P10D Datasheet
330Kb / 4P
   -100V/-18A P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com