Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1657 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology LTC1657 Datasheet HTML 10Page - Linear Technology LTC1657 Datasheet HTML 11Page - Linear Technology LTC1657 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1657
Parallel Interface
The data on the input of the DAC is written into the DAC’s
input registers when Chip Select (CSLSB and/or CSMSB)
and WR are at a logic low. The data that is written into the
input registers will depend on which of the Chip Selects
are at a logic low (see Digital Interface Truth Table). If WR
and CSLSB are both low and CSMSB is high, then only
data on the eight LSBs (D0 to D7) is written into the input
registers. Similarly, if WR and CSMSB are both low and
CSLSB is high, then only data on the eight MSBs (D8 to
D15) is written into the input registers. Data is written into
both the Least Significant Data Bits (D0 to D7) and the Most
Significant Bits (D8 to D15) at the same time if WR, CSLSB
and CSMSB are low. If WR is high or both CSMSB and
CSLSB are high, then no data is written into the input
registers.
Once data is written into the input registers, it can be
written into the DAC register. This will update the analog
voltage output of the DAC. The DAC register is written by
a logic low on LDAC. The data in the DAC register will be
held when LDAC is high.
When WR, CSLSB, CSMSB and LDAC are all low, the
registers are transparent and data on pins D0 to D15 flows
directly into the DAC register.
For an 8-bit data bus connection, tie the MSB byte data
pins to their corresponding LSB byte pins (D15 to D7, D14
to D6, etc).
Power-On Reset
The LTC1657 has an internal power-on reset that resets all
internal registers to 0’s on power-up (equivalent to the
CLR pin function).
Reference
The LTC1657 includes an internal 2.048V reference, giv-
ing the LTC1657 a full-scale range of 4.096V in the gain-
of-2 configuration. The onboard reference in the LTC1657
is not internally connected to the DAC’s reference resistor
string but is provided on an adjacent pin for flexibility.
Because the internal reference is not internally connected
OPERATION
to the DAC resistor ladder, an external reference can be
used or the resistor ladder can be driven by an external
source in multiplying applications. The external reference
or source must be capable of driving the 16k (minimum)
DAC ladder resistance.
Internal reference output noise can be reduced with a
bypass capacitor to ground. (Note: The reference does not
require a bypass capacitor to ground for nominal opera-
tion.) When bypassing the reference, a small value resistor
in series with the capacitor is recommended to help reduce
peaking on the output. A 10
Ωresistorinserieswitha4.7µF
capacitor is optimum for reducing reference generated
noise. Internal reference output voltage noise spectral
density at 1kHz is typically 150nV/
√Hz.
DAC Resistor Ladder
The high and low end of the DAC ladder resistor string
(REFHI and REFLO, respectively) are not connected inter-
nally on this part. Typically, REFHI will be connected to
REFOUT and REFLO will be connected to GND. X1/X2
connected to GND will give the LTC1657 a full-scale output
swing of 4.096V.
Either of these pins can be driven up to VCC – 1.5V when
using the buffer in the gain-of-1 configuration. The resistor
string pins can be driven to VCC/2 when the buffer is in the
gain of 2 configuration. The resistance between these two
pins is typically 25k (16k min).
Voltage Output
The output buffer for the LTC1657 can be configured for
two different gain settings. By tying the X1/X2 pin to GND,
the gain is set to 2. By tying the X1/X2 pin to VOUT, the gain
is set to unity.
The LTC1657 rail-to-rail buffered output can source or
sink 5mA within 500mV of the positive supply voltage or
ground at room temperature. The output stage is equipped
with a deglitcher that results in a midscale glitch impulse
of 8nV • s. The output swings to within a few millivolts of
either supply rail when unloaded and has an equivalent
output resistance of 40
Ω when driving a load to the rails.


Similar Part No. - LTC1657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657 LINER-LTC1657 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1657 LINER-LTC1657 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1657L LINER-LTC1657L Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results

Similar Description - LTC1657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com