Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1647-2IS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1647-2IS8
Description  Dual Hot Swap Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-2IS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1647-2IS8 Datasheet HTML 6Page - Linear Technology LTC1647-2IS8 Datasheet HTML 7Page - Linear Technology LTC1647-2IS8 Datasheet HTML 8Page - Linear Technology LTC1647-2IS8 Datasheet HTML 9Page - Linear Technology LTC1647-2IS8 Datasheet HTML 10Page - Linear Technology LTC1647-2IS8 Datasheet HTML 11Page - Linear Technology LTC1647-2IS8 Datasheet HTML 12Page - Linear Technology LTC1647-2IS8 Datasheet HTML 13Page - Linear Technology LTC1647-2IS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
10
The circuit breaker trip voltage has a tolerance of 20%;
combined with a 5% sense resistor, the total tolerance is
25%. Therefore, calculate R1 based on a trip current ITRIP
of no less than 125% of the maximum operating current.
Do not neglect the effect of ripple current, which adds to
the maximum DC component of the load current. Ripple
current may arise from any of several sources, but the
worst offenders are switching supplies.
A switching regulator on the load side will attempt to draw
some ripple current from the backplane and this current
passes through the sense resistor. Similarly, output ripple
from a switching regulator supplying the backplane will
flow through the sense resistor and into the load capacitor.
Minimize the effects of ripple current by either filtering the
VOUT line or adding an RC filter to the SENSE pin. A series
inductance of 1
µHto10µHinsertedbetweenQ1andCLOAD
is adequate ripple current suppression in most cases.
Alternatively, a filter, consisting of R3 and C3(Figure 3),
simply filters the ripple component from the SENSE pin at
the expense of response time. The added delay is given by
tDELAY = – R3•C3•ln[1 – (VCB/R1 – IAV)/(IPK – IAV)]
Power MOSFET Selection
Power MOSFETs are classified into two catagories: stan-
dard MOSFETs (RDS(ON) specified at VGS = 10V) and logic-
level MOSFETs (RDS(ON) specified at VGS = 5V). The
absolute maximum rating for VGS is typically 20V for
standard MOSFETs. The maximum rating for logic-level
MOSFETs is lower and ranges from 8V to 16V depending
on the manufacturer and specific part number. Some
logic-level MOSFETs have a 20V maximum VGS rating. The
LTC1647 is primarily targeted for standard MOSFETs; low
supply voltage applications should use logic-level
MOSFETs. GATE overdrive as a function of VCC is illus-
trated in the Typical Performance Curves. If lower GATE
overdrive is desired, connect a diode in series with a Zener
between GATE and VCC or between GATE and VOUT as
shown in Figure 4.
The RDS(ON) of the external pass transistor must be low to
make VDS a small percentage of VCC. At VCC = 3.3V, VDS +
VCB = 0.1V yields 3% error at maximum load current. This
restricts the choice of MOSFETs to very low RDS(ON). At
higher VCC voltages, the RDS(ON) requirement can be
relaxed. MOSFET package dissipation (PD and TJ) may
restrict the value of RDS(ON).
Figure 1. Supply Control Circuitry
Figure 2. Current Fault Timing
Figure 3. Filtering Current Ripple/Glitches
Figure 4. Optional Gate Clamp
APPLICATIO S I FOR ATIO
SENSE
15
13
ON1
2
FAULT
ON
VCC
VOUT
FAULT
3
GND
8
GATE
LTC1647-3
C1
10nF
1647-1/2/3 F01
R2
10
R1
0.01
Q1
IRF7413
CLOAD
+
VCC
1
R3
10k
tFAULT
tRESET
VON
VCC – VSENSE
VGATE
VFAULT
1647-1/2/3 F02
SENSE
VCC
VOUT
GATE
LTC1647
C1
10nF
C3
10nF
1647-1/2/3 F03
R2
10
R1
0.01
Q1
IRF7413
CLOAD
IPK = 7.5A
IAV = 2.5A
ITRIP = VCB/R1 = 5A
tDELAY = 10µs
+
VCC
R3
1.5k
VCC
VOUT
*USER SELECTED VOLTAGE CLAMP
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
1647-1/2/3 F04
R1
D1*
D2
1N4148
D4*
D2
1N4148
Q1


Similar Part No. - LTC1647-2IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-2 LINER-LTC1647-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1647-2 LINER-LTC1647-2 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results

Similar Description - LTC1647-2IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com