Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1597BIG Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1597BIG
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597BIG Datasheet(HTML) 3 Page - Linear Technology

  LTC1597BIG Datasheet HTML 1Page - Linear Technology LTC1597BIG Datasheet HTML 2Page - Linear Technology LTC1597BIG Datasheet HTML 3Page - Linear Technology LTC1597BIG Datasheet HTML 4Page - Linear Technology LTC1597BIG Datasheet HTML 5Page - Linear Technology LTC1597BIG Datasheet HTML 6Page - Linear Technology LTC1597BIG Datasheet HTML 7Page - Linear Technology LTC1597BIG Datasheet HTML 8Page - Linear Technology LTC1597BIG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1591/LTC1597
ELECTRICAL CHARACTERISTICS
VCC = 5V ±10%, VREF = 10V, IOUT1 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
LTC1591/-1
LTC1597B/-1B
LTC1597A/-1A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
14
16
16
Bits
Monotonicity
q
14
16
16
Bits
INL
Integral Nonlinearity
(Note 2) TA = 25°C
±1
± 2
±0.25 ±1
LSB
TMIN to TMAX
q
±1
±2
±0.35 ±1
LSB
DNL
Differential Nonlinearity
TA = 25°C
± 1
±1
±0.2 ±1
LSB
TMIN to TMAX
q
±1
±1
±0.2 ±1
LSB
GE
Gain Error
Unipolar Mode
(Note 3) TA = 25°C
±4
±16
2
±16
LSB
TMIN to TMAX
q
±6
±24
3
±16
LSB
Bipolar Mode
(Note 3) TA = 25°C
±4
±16
2
±16
LSB
TMIN to TMAX
q
±6
±24
3
± 16
LSB
Gain Temperature Coefficient
(Note 4)
∆Gain/∆Temperature
q
1
2
1
2
1
2
ppm/
°C
Bipolar Zero-Scale Error
TA = 25°C
± 3
± 10
± 5
LSB
TMIN to TMAX
q
± 5
± 16
± 8
LSB
ILKG
OUT1 Leakage Current
(Note 5) TA = 25°C
±5
±5
±5nA
TMIN to TMAX
q
±15
±15
±15
nA
PSRR
Power Supply Rejection Ratio
VCC = 5V ±10
q
±0.1 ±1
±0.4 ±2
±0.4 ±2
LSB/V
VCC = 5V ±10%, VREF = 10V, IOUT1 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
RREF
DAC Input Resistance (Unipolar)
(Note 6)
q
4.5
6
10
k
R1/R2
R1/R2 Resistance (Bipolar)
(Notes 6, 13)
q
912
20
k
ROFS, RFB
Feedback and Offset Resistances
(Note 6)
q
912
20
k
AC Performance (Note 4)
Output Current Settling Time
(Notes 7, 8)
1
µs
Midscale Glitch Impulse
(Note 12)
2
nV-s
Digital-to-Analog Glitch Impulse
(Note 9)
1
nV-s
Multiplying Feedthrough Error
VREF = ±10V, 10kHz Sine Wave
1
mVP-P
THD
Total Harmonic Distortion
(Note 10)
108
dB
Output Noise Voltage Density
(Note 11)
10
nV/
√Hz
Harmonic Distortion
Unipolar Mode (Note 14)
(Digital Waveform Generation)
2nd Harmonic
94
dB
3rd Harmonic
101
dB
SFDR
94
dB
Bipolar Mode (Note 14)
2nd Harmonic
94
dB
3rd Harmonic
101
dB
SFDR
94
dB


Similar Part No. - LTC1597BIG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1597 LINER-LTC1597 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1597BIG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com