Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1657LI Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1657LI
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657LI Datasheet(HTML) 2 Page - Linear Technology

  LTC1657LI Datasheet HTML 1Page - Linear Technology LTC1657LI Datasheet HTML 2Page - Linear Technology LTC1657LI Datasheet HTML 3Page - Linear Technology LTC1657LI Datasheet HTML 4Page - Linear Technology LTC1657LI Datasheet HTML 5Page - Linear Technology LTC1657LI Datasheet HTML 6Page - Linear Technology LTC1657LI Datasheet HTML 7Page - Linear Technology LTC1657LI Datasheet HTML 8Page - Linear Technology LTC1657LI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1657L
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
VCC to GND .............................................. –0.5V to 7.5V
TTL Input Voltage,
REFHI, REFLO, X1/X2 .......................... – 0.5V to 7.5V
VOUT, REFOUT ............................ – 0.5V to (VCC + 0.5V)
Operating Temperature Range
LTC1657LC ............................................. 0
°C to 70°C
LTC1657LI ......................................... – 40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 95°C/ W (G)
TJMAX = 125°C, θJA = 58°C/ W (N)
LTC1657LCGN
LTC1657LCN
LTC1657LIGN
LTC1657LIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
N PACKAGE
28-LEAD PDIP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
WR
CSLSB
CSMSB
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
LDAC
CLR
X1/X2
VOUT
VCC
REFOUT
REFHI
REFLO
GND
D15 (MSB)
D14
D13
D12
D11
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded, REFOUT tied to REFHI,
REFLO tied to GND, X1/X2 tied to GND, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC (Note 2)
Resolution
q
16
Bits
Monotonicity
q
16
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 3)
q
±0.5
±1.0
LSB
INL
Integral Nonlinearity
(Note 3)
q
±4
±12
LSB
ZSE
Zero Scale Error
q
02
mV
VOS
Offset Error
Measured at Code 200
q
±0.3
±4mV
VOSTC
Offset Error Tempco
±5
µV/°C
Gain Error
q
±2
±16
LSB
Gain Error Drift
1
ppm/
°C
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
2.7
5.5
V
ICC
Supply Current
2.7V
≤ VCC ≤ 5.5V (Note 4)
q
650
1200
µA
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
60
120
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
70
140
mA
Output Impedance to GND
Input Code = 0
q
120
275
Output Line Regulation
Input Code = 65535, VCC = 2.7V to 5.5V
q
3
mV/V


Similar Part No. - LTC1657LI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1657L LINER-LTC1657L Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results

Similar Description - LTC1657LI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com