Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5822 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # 1N5822
Description  PLASTIC SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5822 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  1N5822 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5822 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5820/1N5821/1N5822
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.2
0.3
0.4
0.5
0.6
0.7
0.01
0.1
0.2
1
2
10
Tj = 25 °C
10mm
10mm
1.2
3.0
2.4
1.8
1.2
0.6
0
0
25
50
75 100 125 150 175
1
2
4 6
10
20
40
100
80
60
40
20
0
100
1N5820
1N5822
1N5821
大昌电子
DACHANG ELECTRONICS


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5822 DIODES-1N5822 Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Rugao Dachang Electroni...
1N5822 DACHANG-1N5822 Datasheet
119Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
1N5822 RECTRON-1N5822 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
20SQ020 DACHANG-20SQ020 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB320 DACHANG-SB320 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB2150 DACHANG-SB2150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
20SQ020 DACHANG-20SQ020_15 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
logo
Rugao Dachang Electroni...
SB120 DACHANG-SB120_15 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB220 DACHANG-SB220_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
1N5817 DACHANG-1N5817_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_V01 Datasheet
75Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB220 VISHAY-SB220_V01 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB340-E3 VISHAY-SB340-E3 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com