Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1596ACN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1596ACN
Description  Serial 16-Bit Multiplying DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596ACN Datasheet(HTML) 4 Page - Linear Technology

  LTC1596ACN Datasheet HTML 1Page - Linear Technology LTC1596ACN Datasheet HTML 2Page - Linear Technology LTC1596ACN Datasheet HTML 3Page - Linear Technology LTC1596ACN Datasheet HTML 4Page - Linear Technology LTC1596ACN Datasheet HTML 5Page - Linear Technology LTC1596ACN Datasheet HTML 6Page - Linear Technology LTC1596ACN Datasheet HTML 7Page - Linear Technology LTC1596ACN Datasheet HTML 8Page - Linear Technology LTC1596ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1595/LTC1596/LTC1596-1
ELECTRICAL CHARACTERISTICS
VDD = 5V ±10%, VREF = 10V, VOUT1 = VOUT2 = AGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2:
±1LSB = ±0.0015% of full scale = ±15.3ppm of full scale.
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: IOUT1 with DAC register loaded with all 0s.
Note 6: Typical temperature coefficient is 100ppm/C.
Note 7: OUT1 load = 100
Ω in parallel with 13pF.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSRI
Serial Input Data Pulse Width
q
60
ns
tCH
Clock Pulse Width High
q
60
ns
tCL
Clock Pulse Width Low
q
60
ns
tLD
Load Pulse Width
q
60
ns
tASB
LSB Clocked into Input Register
q
0ns
to DAC Register Load Time
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing Characteristics (LTC1596/LTC1596-1)
tDS1
Serial Input to Strobe Setup Time
STB1 Used as the Strobe
q
30
5
ns
tDS2
STB2 Used as the Strobe
q
20
– 5
ns
tDS3
STB3 Used as the Strobe
q
25
0
ns
tDS4
STB4 Used as the Strobe
q
20
– 5
ns
tDH1
Serial Input to Strobe Hold Time
STB1 Used as the Strobe
q
30
5
ns
tDH2
STB2 Used as the Strobe
q
40
15
ns
tDH3
STB3 Used as the Strobe
q
35
10
ns
tDH4
STB4 Used as the Strobe
q
40
15
ns
tSRI
Serial Input Data Pulse Width
q
60
ns
tSTB1 to
Strobe Pulse Width
(Note 11)
q
60
ns
tSTB4
tSTB1 to
Strobe Pulse Width
(Note 12)
q
60
ns
tSTB4
tLD1, tLD2
LD Pulse Width
q
60
ns
tASB
LSB Strobed into Input Register
q
0ns
to Load DAC Register Time
tCLR
Clear Pulse Width
q
100
ns
tPD1
STB1 to SRO Propagation Delay
CL = 50pF
q
30
150
ns
tPD
STB2, STB3, STB4 to SRO
CL = 50pF
q
30
200
ns
Propagation Delay
Power Supply
VDD
Supply Voltage
q
4.5
5
5.5
V
IDD
Supply Current
Digital Inputs = 0V or VDD
q
1.5
10
µA
Note 8: To 0.0015% for a full-scale change, measured from the falling
edge of LD1, LD2 or LD.
Note 9: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s;
op amp = LT1007.
Note 10: Calculation from en = √4kTRB where: k = Boltzmann constant
(J/
°K); R = resistance (Ω); T = temperature (°K); B = bandwidth (Hz).
Note 11: Minimum high time for STB1, STB2, STB4. Minimum low time
for STB3.
Note 12: Minimum low time for STB1, STB2, STB4. Minimum high time
for STB3.


Similar Part No. - LTC1596ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1596 LINER-LTC1596 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1596 LINER-LTC1596 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
More results

Similar Description - LTC1596ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Analog Devices
AD5429 AD-AD5429_16 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com