Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1682IMS8-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1682IMS8-3.3
Description  Doubler Charge Pumps with Low Noise Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1682IMS8-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1682IMS8-3.3 Datasheet HTML 1Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 2Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 3Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1682IMS8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1682/LTC1682-3.3/LTC1682-5
Doubler Charge Pumps with
Low Noise Linear Regulator
s
Low Output Noise: 60
µVRMS (100kHz BW)
s
Adjustable or Fixed Boosted Output
s
Adjustable Output Voltage Range: 2.5V to 5.5V
s
Fixed Output Voltages: 3.3V, 5V
s
Wide Input Voltage Range: 1.8V to 4.4V
s
Uses Small Ceramic Capacitors
s
No Inductors Required
s
Output Current up to 50mA
s
550kHz Switching Frequency
s
Low Operating Current: 150
µA
s
Low Shutdown Current: 1
µA
s
Internal Thermal Shutdown and Current Limiting
s
Available in 8-Pin MSOP and SO Packages
The LTC
®1682/LTC1682-3.3/LTC1682-5 are doubler charge
pumps with an internal low noise, low dropout (LDO) linear
regulator. These parts are designed to provide a low noise
boosted supply voltage for powering noise sensitive devices
such as high frequency VCOs in wireless applications.
An internal doubler charge pump converts a 1.8V to 4.4V
input to a boosted output, while the internal LDO regulator
converts the boosted voltage to a low noise regulated output.
The adjustable version allows the user to set VOUTviaexternal
resistors connected to FB. The regulator is capable of supply-
ing up to 50mA of output current. Shutdown reduces the
supply current to < 5
µA, removes the load from VIN by
disabling the regulator and discharges VOUT to ground
through a 100
Ω switch.
The LTC1682 LDO regulator is stable with only 2
µF on the
output. Small ceramic capacitors can be used, reducing PC
board area.
The LTC1682/LTC1682-3.3/LTC1682-5 are short-circuit and
over temperature protected. The parts are available in 8-pin
MSOP and SO packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Open-Loop Close-In Phase Noise
CENTER = 902MHz
RES BW = 1kHz
SPAN = 100kHz
VBW = 30Hz
SWP = 10 sec
REF = 0dBm
1682 TA02
4.2V VCO Power Supply, VIN = 2.5V to 4.4V
s
VCO Power Supplies in Cellular Phones
s
2-Way Pagers
s
Wireless PCMCIA Cards
s
Portable Medical Instruments
s
Low Power Data Acquisition
s
Remote Transmitters
AMPLITUDE
10dB/DIV
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
36k
SHUTDOWN
15k
100k
4.7
µF
0.22
µF
VIN
2.5V TO
4.4V
4.7
µF
4.2V
1
2
3
4
8
7
6
5
VOUT
SHDN
FB
GND
CPO
C+
VIN
C
1682 TA01
LTC1682
VCO
MURATA
MQE001-902
1
µF
4.7
µF 1000pF
1k
B
M
P
C
1000pF
1000pF
4.7
µF
VC
fOUT
902MHz


Similar Part No. - LTC1682IMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682 LINER-LTC1682 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
More results

Similar Description - LTC1682IMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com