Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB103S Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # DB103S
Description  Surface Mount Bridge-Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB103S Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DB103S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB103S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
30
1.0
1.1
25
反向电压
50---1000V
正向电流
1.0 A
V
μA
pF
IR
Cj
最大正向电压
IF = 1.0A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 1000V
Forward Current
1.0 A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
DB101S
50
50
35
10
500
TA = 125℃
DB101S ...... DB107S
SIYU R
DB102S DB103S DB104S DB105S DB106S DB107S
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Unit:inch(mm)
DBS
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·高温焊接保证High tempererature soldering guaranteed:
260℃/10 秒 260℃/10 seconds
·高电流浪涌承受能力
High surge current Capability
·引线和管体皆符合RoHS标准。
Lead and body according with RoHS standard
DB101S DB102S DB103S DB104S DB105S DB106S DB107S
Surface Mount Bridge-Rectifier
表面安装桥式整流器


Similar Part No. - DB103S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
DB103S SUNTAN-DB103S Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Rectron Semiconductor
DB103S RECTRON-DB103S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
DB103S SECOS-DB103S Datasheet
181Kb / 2P
   Surface Mount Bridge Rectifiers
logo
RFE international
DB103S RFE-DB103S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
Yea Shin Technology Co....
DB103S YEASHIN-DB103S Datasheet
355Kb / 2P
   Glass passivated type
More results

Similar Description - DB103S

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
   Surface Mount Bridge Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
   Surface Mount Bridge Rectifier
Revision: 19-Aug-13
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
MB4F MAKOSEMI-MB4F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com