Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1706C-19 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1706C-19
Description  VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706C-19 Datasheet(HTML) 2 Page - Linear Technology

  LTC1706C-19 Datasheet HTML 1Page - Linear Technology LTC1706C-19 Datasheet HTML 2Page - Linear Technology LTC1706C-19 Datasheet HTML 3Page - Linear Technology LTC1706C-19 Datasheet HTML 4Page - Linear Technology LTC1706C-19 Datasheet HTML 5Page - Linear Technology LTC1706C-19 Datasheet HTML 6Page - Linear Technology LTC1706C-19 Datasheet HTML 7Page - Linear Technology LTC1706C-19 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1706-19
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1706CS8-19
LTC1706IS8-19
1
2
3
4
8
7
6
5
TOP VIEW
VID1
VID0
SENSE
FB
VID2
VID3
VCC
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 120°C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
TA = 25°C, 2.7V ≤ VCC ≤ 5.5V, VID0 = VID1 = VID2 = VID3 = N. C., unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Supply Voltage Range
2.7
5.5
V
IVCC
Supply Current
(Note 2)
0.1
5
µA
RFB-SENSE
Resistance Between SENSE and FB
q
815
20
k
VOUT Error %
Output Voltage Accuracy
Programmed From 1.3V to 2V
q
– 0.25
0.25
%
RPULLUP
VID Input Pull-Up Resistance
VDIODE = 0.6V, VCC = 5V, (Note 3)
40
k
VIDT
VID Input Voltage Threshold
VIL (2.7V ≤ VCC ≤ 5.5V)
0.4
V
VIH (2.7V ≤ VCC ≤ 5.5V)
1.6
V
IVID-LEAK
VID Input Leakage Current
VCC < VID < 7V, (Note 3)
0.01
±1
µA
VPULLUP
VID Pull-Up Voltage
VCC = 3.3V
2.8
V
VCC = 5V
4.5
V
The q denotes specifications which apply over the full specified
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: With all four VID inputs floating, the VCC supply current is simply
the device leakage current. However, the VCC supply current will rise and
be approximately equal to the number of grounded VID input pins times
(VCC – 0.6V)/40k. (See the Typical Applications section for more detail.)
Note 3: Each built-in pull-up resistor attached to the VID inputs also has a
series diode connected to VCC to allow input voltages higher than the VCC
supply without damage or clamping. (See Operation section for further
detail.)
S8 PART
MARKING
170619
706I19
(Note 1)
(Voltages Referred to GND Pin)
Input Supply Voltage (VCC) ..........................– 0.3V to 7V
VID Input Pins .............................................– 0.3V to 7V
SENSE Pin ...................................................– 0.3V to 7V
FB Pin .......................................................... – 0.3V to 7V
Operating Temperature Range
LTC1706C-19 .......................................... 0
°C to 70°C
LTC1706I-19 ...................................... – 40
°C to 85°C
Junction Temperature ........................................... 110
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C


Similar Part No. - LTC1706C-19

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-61 LINER-LTC1706-61 Datasheet
182Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-61 LINER-LTC1706-61 Datasheet
187Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-61 LINER-LTC1706-61_15 Datasheet
187Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
More results

Similar Description - LTC1706C-19

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
LTC1706-81 LINER-LTC1706-81_15 Datasheet
153Kb / 8P
   5-Bit Desktop VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com