Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1709 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 3 Page - Linear Technology

  LTC1709 Datasheet HTML 1Page - Linear Technology LTC1709 Datasheet HTML 2Page - Linear Technology LTC1709 Datasheet HTML 3Page - Linear Technology LTC1709 Datasheet HTML 4Page - Linear Technology LTC1709 Datasheet HTML 5Page - Linear Technology LTC1709 Datasheet HTML 6Page - Linear Technology LTC1709 Datasheet HTML 7Page - Linear Technology LTC1709 Datasheet HTML 8Page - Linear Technology LTC1709 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1709
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
VRUN/SSLO
RUN/SS Pin Latchoff Arming
VRUN/SS Rising from 3V
4.1
4.5
V
ISCL
RUN/SS Discharge Current
Soft Short Condition VEAIN = 0.5V;
0.5
2
4
µA
VRUN/SS = 4.5V
ISDLHO
Shutdown Latch Disable Current
VEAIN = 0.5V
1.6
5
µA
ISENSE
Total Sense Pins Source Current
Each Channel: VSENSE1, 2– = VSENSE1+, 2+ = 0V
– 85
– 60
µA
DFMAX
Maximum Duty Factor
In Dropout
98
99.5
%
Top Gate Transition Time:
(Note 6)
TG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
40
90
ns
Bottom Gate Transition Time:
(Note 6)
BG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
20
90
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
(Note 6)
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
(Note 6)
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 7)
180
200
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V; VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA; VEXTVCC = 4V
0.2
1.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA; VEXTVCC = 5V
120
240
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VLDOHYS
EXTVCC Switchover Hysteresis
ICC = 20mA, EXTVCC Ramping Negative
0.2
V
VID Parameters
RATTEN
Resistance Between ATTENIN and
20
k
ATTENOUT Pins
ATTENERR
Resistive Divider Worst-Case Error
Programmed from 1.3V to 2.05V (VID4 = 0)
q
– 0.25
+ 0.25
%
Programmed from 2.1V to 3.5V (VID4 = 1)
q
– 0.35
+ 0.25
%
RPULLUP
VID0–VID4 Pull-Up Resistance
(Note 8)
40
k
VIDTHLOW
VID0–VID4 Logic Threshold Low
0.4
V
VIDTHHIGH
VID0–VID4 Logic Threshold High
1.6
V
VIDLEAK
VID0–VID4 Leakage
VBIAS < VID0–VID4 < 7V
1
µA
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
190
220
250
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
120
140
160
kHz
fHIGH
Highest Frequency
VPLLFLTR ≥ 2.4V
280
310
360
kHz
RPLLIN
PLLIN Input Resistance
50
k
IPLLFLTR
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
–15
µA
Sourcing Capability
fPLLIN > fOSC
15
µA
RRELPHS
Controller 2-Controller 1 Phase
180
Deg
Differential Amplifier/Op Amp Gain Block (Note 9)
ADA
Gain
Differential Amp Mode
0.995
1
1.005
V/V
CMRRDA
Common Mode Rejection Ratio
Differential Amp Mode; 0V < VCM < 5V
46
55
dB


Similar Part No. - LTC1709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709 LINER-LTC1709 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709 LINER-LTC1709_15 Datasheet
306Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736 Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1 Datasheet
420Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
233Kb / 24P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
375Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com