Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1710C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1710C
Description  SMBus Dual Monolithic High Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710C Datasheet(HTML) 1 Page - Linear Technology

  LTC1710C Datasheet HTML 1Page - Linear Technology LTC1710C Datasheet HTML 2Page - Linear Technology LTC1710C Datasheet HTML 3Page - Linear Technology LTC1710C Datasheet HTML 4Page - Linear Technology LTC1710C Datasheet HTML 5Page - Linear Technology LTC1710C Datasheet HTML 6Page - Linear Technology LTC1710C Datasheet HTML 7Page - Linear Technology LTC1710C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1710
SMBus Dual Monolithic
High Side Switch
s
Two 0.4
/300mA N-Channel Switches
s
Available in MS8 and SO-8 Packages
s
SMBus and I2C Compatible
s
0.6V VIL and 1.4V VIH for DATA and CLK
s
Low Standby Current: 14
µA
s
Separate Drain Connection to SW0
s
Three Addresses from One Three-State Address Pin
s
Independent Control of Up to Six Switches
s
Built-In Power-On Reset Timer
s
Built-In Undervoltage Lockout
FEATURES
DESCRIPTION
The LTC
®1710 SMBus dual switch has two built-in 0.4
Ω/
300mA switches that are controlled by a 2-wire SMBus
interface. With a low standby current of 14
µA (3.3V), the
LTC1710 operates over an input voltage range of 2.7V to
5.5V while maintaining the SMBus specified 0.6V VIL and
1.4V VIH input thresholds.
Using the 2-wire interface, CLK and DATA, the LTC1710
follows SMBus’s Send Byte Protocol to independently
control the two 0.4
Ω internal N-channel power switches,
which are fully enhanced by onboard charge pumps.
The LTC1710 has one three-state programmable
address pin that allows three different addresses for a total
of six available switches on the same bus. The LTC1710
also features a separate user-controlled drain supply
(SW0D) to Switch 0 so that it can be used to control
SMBus peripherials using a different power supply.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
Handheld Computer Power Management
s
Computer Peripheral Control
s
Laptop Computer Power Plane Switching
s
Portable Equipment Power Control
s
Industrial Control Systems
s
ACPI SMBus Interface
TYPICAL APPLICATION
LOAD CURRENT (mA)
0
200
VCC = 3.3V
300
400
1710 TA02
100
0
100
200
300
500
TA = 25°C
400
VCC = 2.7V
VCC = 5V
Switch Voltage Drop
vs Load Current
CHARGE
PUMP
81
2
10
µF
10
µF
7
5
CLOCK
DATA
6
FROM SMBus
3
AD1
(PROGRAMMABLE)
4
1710 TA01
VCC
2.7V TO 5.5V
SW0D
0V TO VCC
LTC1710
LOAD 1
SW0
SW1
LOAD 2


Similar Part No. - LTC1710C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1710 LINER-LTC1710 Datasheet
206Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1710 LINER-LTC1710_15 Datasheet
206Kb / 8P
   SMBus Dual Monolithic High Side Switch
More results

Similar Description - LTC1710C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1710 LINER-LTC1710_15 Datasheet
206Kb / 8P
   SMBus Dual Monolithic High Side Switch
LTC1623 LINER-LTC1623 Datasheet
144Kb / 12P
   SMBus Dual High Side Switch Controller
LTC1623 LINER-LTC1623_15 Datasheet
124Kb / 12P
   SMBus Dual High Side Switch Controller
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com