Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS760-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS760-13
Description  7A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS760-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS760-13 Datasheet HTML 1Page - Diodes Incorporated PDS760-13 Datasheet HTML 2Page - Diodes Incorporated PDS760-13 Datasheet HTML 3Page - Diodes Incorporated PDS760-13 Datasheet HTML 4Page - Diodes Incorporated PDS760-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS760
Document number: DS30477 Rev. 13 - 2
3 of 5
www.diodes.com
October 2012
© Diodes Incorporated
PDS760
0
1
2
3
4
0
1
3
24
5
6
78
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
1
100
100m
1m
10m
10µ
100µ
0
20
10
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
30
50
0
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
2.0
4.0
6.0
10.0
8.0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
60
80
70
160
150
140
130
120
110
100
90
015
30
45
60
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R


Similar Part No. - PDS760-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS760-13 DIODES-PDS760-13 Datasheet
79Kb / 3P
   7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 9 - 2
PDS760-13 DIODES-PDS760-13 Datasheet
99Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 12 - 2
More results

Similar Description - PDS760-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS760 DIODES-PDS760_10 Datasheet
99Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 12 - 2
PDS760 DIODES-PDS760 Datasheet
79Kb / 3P
   7A SCHOTTKY BARRIER RECTIFIER
DS30477 Rev. 9 - 2
PDS760Q-13 DIODES-PDS760Q-13 Datasheet
474Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER
December 2017
PDS760Q DIODES-PDS760Q_15 Datasheet
207Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER POWERDI짰
MBRM760 DIODES-MBRM760 Datasheet
73Kb / 3P
   7A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30357 Rev. 2 - 1
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com