Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1729 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology LTC1729 Datasheet HTML 10Page - Linear Technology LTC1729 Datasheet HTML 11Page - Linear Technology LTC1729 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1729 Series
APPLICATIONS INFORMATION
OVP
BAT
SENSE
GND
OVP
BAT
SENSE
VCC
VC
STATUS
NTC
VC
VCC
1
2
3
4
8
7
6
5
LTC1729-4.2
1
µF
0.1
µF
1729 F07
10k NTC THERMISTOR
NTHS1206N02 VISHAY/DALE
200
Figure 7. Terminate Charging at C/10
100
µA
1729 F08
COMP1
LTC1729
SENSE
IBIAS
BAT
+
SENSE
RESISTOR
CHARGE
CURRENT
Figure 8. Modify C/10 Indication to Create Charging Indicator
TYPICAL APPLICATIONS
SEPIC Charger with 0.5A Output Current
OVP
BAT
SENSE
GND
VCC
VC
STATUS
NTC
S/S
VSW
GND
VC
VFB
IFB
LTC1729-4.2
BOOST
CAP+
GND
CAP
V+
OSC
LV
VOUT
LTC1044
LT1512
C4
0.22
µF
C1
22
µF
R3
0.2
R1
29.4k
D2
1/2 BAT85S
D3
1/2 BAT85S
FOR 3.5V TO 14V USE LTC1144
R2
12.4k
L1A**
C6
1
µF
1729 F11
OPTION: TIE R8 TO STATUS FOR
CHARGE TERMINATION AT
LOW CHARGING CURRENT
* TOKIN CERAMIC 1E225ZY5U-C203-F
** L1A, L1B ARE TWO 33
µH WINDINGS ON A
SINGLE INDUCTOR; COILTRONICS CTX33-3
LUMEX SML-LX0805GW-TR SIZE R9 FOR
20mA TYPICAL
R8
10k NTC THERMISTOR, NTHS1206N02 VISHAY/DALE
NOTE: EITHER A THERMISTOR OR 10k RESISTOR MUST BE PRESENT
R9
1k
R5
1k
C2*
2.2
µF
R7
100
RPULLUP
10k
R4, 24
R6
0.2
L1B**
+
C3
22
µF
C7
10
µF
C8
10
µF
C5
0.1
µF
D1
MBRS130LT3
INPUT POWER
4V TO 9V
D4
VIN
4.2V
+
Using Status as a Charging Indicator
In many applications circuits shown in this data sheet, the
STATUS pin is used to indicate when C/10 has occurred
(charge current has dropped to 10% of the full charge
current). This C/10 number is not fixed, but is set by an
external resistor connected to the LTC1729 SENSE pin. A
100
µA bias current through this resistor develops a volt-
age which is compared with the voltage across the charge
current sense resistor. When these voltages are equal, the
open-drain STATUS pin turns off. Connecting an LED to
the STATUS pin will give a visual indication during the
precondition trickle charge and the portion of the main
charge before C/10 has occurred.
By reducing the LTC1729 SENSE pin resistor to 0
Ω, the
STATUS pin function can be changed to a
charging indica-
tor (Figure 8). The LED on the STATUS pin will always go
off after the 3-hour charge cycle is completed, regardless
of the C/10 circuitry.


Similar Part No. - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
231Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.2 LINER-LTC1729CMS8-4.2 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-8.2 LINER-LTC1729CMS8-8.2 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729_1 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com