Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MC06024H Datasheet(PDF) 5 Page - RMT Ltd.

Part # 1MC06024H
Description  Blank ceramics (not metallized)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06024H Datasheet(HTML) 5 Page - RMT Ltd.

  1MC06024H Datasheet HTML 1Page - RMT Ltd. 1MC06024H Datasheet HTML 2Page - RMT Ltd. 1MC06024H Datasheet HTML 3Page - RMT Ltd. 1MC06024H Datasheet HTML 4Page - RMT Ltd. 1MC06024H Datasheet HTML 5Page - RMT Ltd. 1MC06024H Datasheet HTML 6Page - RMT Ltd. 1MC06024H Datasheet HTML 7Page - RMT Ltd. 1MC06024H Datasheet HTML 8Page - RMT Ltd. 1MC06024H Datasheet HTML 9Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TEC Polarity
Terminal Wires Options
TEC Polarity can be modified by request. The
specified polarity in this datasheet is typical.
It can be reversed in accordance to Customer
application requirements.
The wires are of tinned Copper, blank (not isolated)
by default. Various options for isolated wires are
available by request. The available solutions
include isolated wires, isolated color-coded wires,
flexible multicore wires and more.
Customized Au patterns on thermoelectric cooler
cold side are available by request. Selective Pre-
tinning over pattern is also available. Please,
contact RMT Ltd for additional information about
customized Au patterns requirements.
Additional Options
Thermoelectric Cooling Solutions
Standard TEC height can be modified without
performance changes by using ceramics of
different thickness. Standard thermoelectric cooler
height (specified in this datasheet) may be
modified (reduced or increased) in a range
-0.5..+1.0 mm by request.
TEC center hole can be modified by request. Wide
range of options is available - different hole shape
sand dimensions and multi-hole configurations.
RMT Ltd has the full-featured flexibility with
ceramics cutting process.
Customized Au Patterns
Hole Modifications
TEC Height modification
Standard polarity
Reversed polarity
Standard wires,
tinned Copper
Isolated wires
Customized Au pattern
on cold side
Selective pre-tinning
over pattern
Multi-hole solution
for TO-56 header
layout
Quad-shaped
customized center
hole
Standard height
Modified height,
another ceramics
thickness
+
-
+
-
!
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2014. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page " of "
5
9


Similar Part No. - 1MC06024H

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06024 RMT-1MC06024 Datasheet
250Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06024 RMT-1MC06024 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC06024 RMT-1MC06024_1 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC06024 RMT-1MC06024_2 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MC06024H

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1ML07023AN25 RMT-1ML07023AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1ML07035AN05 RMT-1ML07035AN05 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1ML07050AN25 RMT-1ML07050AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04022 RMT-2MD04022 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04042 RMT-2MD04042 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD04066 RMT-2MD04066 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MD04031 RMT-1MD04031 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MD06102 RMT-2MD06102 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
2MDX04042 RMT-2MDX04042 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
2MDX06022 RMT-2MDX06022 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
3MC10038 RMT-3MC10038 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com