Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM60N380CIC0G Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N380CIC0G
Description  600V, 11A, 0.38廓 N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N380CIC0G Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

  TSM60N380CIC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM60N380CIC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TSM60N380
600V, 11A, 0.38Ω
N-Channel Power MOSFET
9/9
Version: A14
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TSM60N380CIC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N380CZ TSC-TSM60N380CZ Datasheet
547Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - TSM60N380CIC0G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
   600V,11A N-Channel MOSFET
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
   600V,11A N-Channel MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
KIA Semiconductor Techn...
60R380DS KIA-60R380DS Datasheet
262Kb / 8P
   11A 600V N-CHANNEL MOSFET
logo
PFC Device Inc.
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
PSM11N60CTF PFC-PSM11N60CTF Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com