Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EG01Z Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # EG01Z
Description  Plastic Ultra-Fast Recover Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

EG01Z Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  EG01Z Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd EG01Z Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EG01Z / EG01 / EG01A / EG01C
SIYU R
0
0.5
1
1.5
2.0
2.5
0.01
0.1
0.2
1
2
10
Tj = 25 °C
EG01Z,EG01
EG01A
EG01C
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
10mm
10mm
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
20
15
10
5
0
25
大昌电子
DACHANG ELECTRONICS


Similar Part No. - EG01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EG01Z SANKEN-EG01Z Datasheet
24Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
EG01Z SANKEN-EG01Z Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
EG01Z BILIN-EG01Z Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
EG01Z DACHANG-EG01Z Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 200 to 1000V Forward Current 0.5 to 0.7A
logo
Shenzhen Taychipst Elec...
EG01Z TAYCHIPST-EG01Z Datasheet
917Kb / 1P
   Fast-Recovery Rectifier Diodes
More results

Similar Description - EG01Z

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RGP15A DACHANG-RGP15A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP20A DACHANG-RGP20A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP25A DACHANG-RGP25A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP10A DACHANG-RGP10A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
RGP30A DACHANG-RGP30A_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
logo
EM Microelectronic - MA...
MUR1040 EMMICRO-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Kersemi Electronic Co.,...
MUR1040 KERSEMI-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
DFRF20A20CT DACHANG-DFRF20A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60CT DACHANG-DUFF10A60CT_15 Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
EGP10A DACHANG-EGP10A_15 Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com