Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP10A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # EGP10A
Description  Plastic Ultra-Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

EGP10A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  EGP10A_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd EGP10A_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
塑封超快速整流二极管
反向电压
50 --- 400 V
正向电流
1.0 A
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
EGP
10A
EGP
10B
EGP
10C
EGP
10D
EGP
10F
EGP
10G
50
100
150
200
300
400
35
70
105
140
210
280
65
30
1.0
0.95
V
10
100
50
22
μA
nS
pF
IR
trr
Cj
EGP10A ...... EGP10G
1.25
VR=10V IF=50mA RL=75Ω
SIYU R
15
EGP
10A
EGP
10B
EGP
10C
EGP
10D
EGP
10F
EGP
10G
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
DIA
DIA
.034(0.9)
.028(0.7)
DO-41
Unit:inch(mm)
50
100
150
200
300
400
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.0A
Reverse Voltage 50 to 400V
Forward Current 1.0A
Plastic Ultra-Fast Recover Rectifiers
RθJA
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard


Similar Part No. - EGP10A_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
More results

Similar Description - EGP10A_15

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
MUR1040 EMMICRO-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Kersemi Electronic Co.,...
MUR1040 KERSEMI-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
DFRF20A20CT DACHANG-DFRF20A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60CT DACHANG-DUFF10A60CT_15 Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF10A20CT DACHANG-DFRF10A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR1010 DACHANG-MUR1010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR2010 DACHANG-MUR2010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60 DACHANG-DUFF10A60_15 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFR10A20 DACHANG-DFR10A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF15A20 DACHANG-DFRF15A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com