Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1842 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1842
Description  Ultralow Power Dual Comparators with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1842 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1842 Datasheet HTML 4Page - Linear Technology LTC1842 Datasheet HTML 5Page - Linear Technology LTC1842 Datasheet HTML 6Page - Linear Technology LTC1842 Datasheet HTML 7Page - Linear Technology LTC1842 Datasheet HTML 8Page - Linear Technology LTC1842 Datasheet HTML 9Page - Linear Technology LTC1842 Datasheet HTML 10Page - Linear Technology LTC1842 Datasheet HTML 11Page - Linear Technology LTC1842 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1841/LTC1842/LTC1843
APPLICATIONS INFORMATION
1. Choose the required hysteresis voltage band and
calculate values for R4 and R5 according to the formu-
las in the hysteresis section. In this example,
±5mV of
hysteresis has been added at the comparator input
(VH = VHB/2). Note that the hysteresis apparent at VIN
will be larger because of the input resistor divider.
2. Select R1. The leakage current into IN B is under 1nA
so the current through R1 should exceed 100nA, to
ensure threshold accuracy. R1 values up to about 10M
can be used, but values in the 100k to 1M range are
usually easier to deal with. In this example choose
R1 = 294k.
3. Calculate R2 + R3. The overvoltage threshold should be
set at 5.5V. The design equation is as follows:
RR
R
V
VV
k
M
UTH
REF
H
23
1
1
294
55
1 182 0 005
1
1 068
+=
+


=
+


=
.
..
.
4. Calculate R2. The undervoltage threshold should be set
at 4.5V. The design equation is as follows:
RR
R
R
VV
V
R
kM
k
k
REF
H
LTH
21
2
3
1
294
1 068
1 182 0 005
45
294
62 2
=+
+
()
=+
()
=
.
.– .
.
.
Choose R2 = 61.9k (1% standard value)
5. Calculate R3:
R3 = (R2 + R3) – R2
= 1.068M – 61.9k
= 1.006M
Choose R3 = 1M (1% standard value)
6. Verify the resistor values. The equations are as
follows, evaluated for the above example:
Overvoltage threshold:
VV
V
RR
R
R
V
OTH
REF
H
=+
() ++
=
12
3
1
5 474
.
Undervoltage threshold:
VV
V
RR
R
RR
V
UTH
REF
H
=
() ++
+
=
.
12
3
12
4 484
where the hysteresis voltage VV
R
R
H
REF
=
()


5
4


Similar Part No. - LTC1842

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1842 LINER-LTC1842 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1842 LINER-LTC1842 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1842 LINER-LTC1842 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results

Similar Description - LTC1842

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com