Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1873 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1873
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1873 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1873 Datasheet HTML 6Page - Linear Technology LTC1873 Datasheet HTML 7Page - Linear Technology LTC1873 Datasheet HTML 8Page - Linear Technology LTC1873 Datasheet HTML 9Page - Linear Technology LTC1873 Datasheet HTML 10Page - Linear Technology LTC1873 Datasheet HTML 11Page - Linear Technology LTC1873 Datasheet HTML 12Page - Linear Technology LTC1873 Datasheet HTML 13Page - Linear Technology LTC1873 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC1873
Switching Architecture
Each half of the LTC1873 is designed to operate as a
synchronous buck converter (Figure 1). Each channel
includes two high power MOSFET gate drivers to control
external N-channel MOSFETs QT and QB. These drivers
have 0.5
Ω output impedances and can carry well over an
amp of continuous current with peak currents up to 5A to
slew large MOSFET gates quickly. The external MOSFETs
are connected with the drain of QT attached to the input
supply and the source of QT at the switching node SW. QB
is the synchronous rectifier with its drain at SW and its
source at PGND. SW is connected to one end of the
inductor, with the other end connected to VOUT. The output
capacitor is connected from VOUT to PGND.
When a switching cycle begins, QB is turned off and QT is
turned on. SW rises almost immediately to VIN and the
inductor current begins to increase. When the PWM pulse
finishes, QT turns off and one nonoverlap interval later, QB
turns on. Now SW drops to PGND and the inductor current
decreases. The cycle repeats with the next tick of the
master clock. The percentage of time spent in each mode
is controlled by the duty cycle of the PWM signal, which in
turn is controlled by the feedback amplifier. The master
clock runs at a 550kHz rate and turns QT once every 1.8
µs.
In a typical application with a 5V input and a 1.5V output,
the duty cycle will be set at 1.5/5
× 100% or 30% by the
feedback loop. This will give roughly a 540ns on-time for
QT and a 1.26
µs on-time for QB.
This constant frequency operation brings with it a couple
of benefits. Inductor and capacitor values can be chosen
with a precise operating frequency in mind and the feed-
back loop components can be similarly tightly specified.
Noise generated by the circuit will always be in a known
frequency band with the 550kHz frequency designed to
leave the 455kHz IF band free of interference. Subharmonic
oscillation and slope compensation, common headaches
with constant frequency current mode switchers, are
absent in voltage mode designs like the LTC1873.
During the time that QT is on, its source (the SW pin) is at
VIN. VIN is also the power supply for the LTC1873. How-
ever, QT requires VIN + VGS(ON) at its gate to achieve
minimum RON. This presents a problem for the LTC1873—
it needs to generate a gate drive signal at TG higher than
its highest supply voltage. To accomplish this, the TG
driver runs from floating supplies, with its negative supply
attached to SW and its power supply at BOOST. This allows
it to slew up and down with the source of QT. In combination
with a simple external charge pump (Figure 2), this allows
the LTC1873 to completely enhance the gate of QT without
requiring an additional, higher supply voltage.
The two channels of the LTC1873 run from a common
clock, with the phasing chosen to be 180
° from side 1 to
side 2. This has the effect of doubling the frequency of the
switching pulses seen by the input bypass capacitor,
significantly lowering the RMS current seen by the capaci-
tor and reducing the value required (see the 2-Phase
section).
Feedback Amplifier
Each side of the LTC1873 senses the output voltage at
VOUT with an internal feedback op amp (see Block Dia-
gram). This is a real op amp with a low impedance output,
85dB open-loop gain and 25MHz gain-bandwidth product.
The positive input is connected internally to an 800mV
reference, while the negative input is connected to the FB
Figure 1. Synchronous Buck Architecture
+
TG
1/2
LTC1873
BG
SW
PGND
COUT
1873 F01
+
CIN
QT
QB
VOUT
VIN
LEXT
Figure 2. Floating TG Driver Supply
+
TG
BOOST
SW
BG
PGND
PVCC
DCP
CIN
+
COUT
1873 F02
VOUT
LEXT
VIN
QT
QB
CCP
1
µF
LTC1873
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results

Similar Description - LTC1873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1705 LINER-LTC1705 Datasheet
310Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1705 LINER-LTC1705_15 Datasheet
328Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com