Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR207 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # FR207
Description  Plastic Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

FR207 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  FR207 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd FR207 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
塑封快恢复整流二极管
反向电压
50 --- 1000 V
正向电流
2.0 A
FR201 FR202 FR203 FR204 FR205 FR206 FR207
1000
50
100
200
400
600
800
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
60
70
2.0
1.3
5.0
100
FR201 ...... FR207
150
300
FR201 FR202
FR203 FR204
FR205 FR206 FR207
SIYU R
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Plastic Fast Recover Rectifier
Reverse Voltage 50 to 1000V
Forward Current 2.0A
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
pF
IR
trr
Cj
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 2.0A
35
RθJA
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合
RoHS标准 。
Lead and body according with RoHS standard


Similar Part No. - FR207

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR207 SECOS-FR207 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Won-Top Electronics
FR207 WTE-FR207 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR207 YIXIN-FR207 Datasheet
252Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
FR207 ETC2-FR207 Datasheet
117Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR207 TSC-FR207 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR301G DACHANG-FR301G_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR151 DACHANG-FR151_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com