Electronic Components Datasheet Search |
|
KBJ4G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd |
|
KBJ4G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd |
1 / 2 page 5.5 120 4.0 1.0 40 塑封硅整流桥堆 反向电压 200---1000V 正向电流 4 A V μA pF IR Cj 最大正向电压 IF = 2.0A 最大反向电流 TA= 25℃ 电特性 TA = 25℃ 除非另有规定。 Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. 单位 Unit 符号 Symbols Maximum forward voltage Maximum reverse current Type junction capacitance VF -55--- +150 V V V A A ℃ /W ℃ VRRM VRMS VDC IF(AV) IFSM 极限值和温度特性 TA = 25℃ 除非另有规定。 Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. 最大可重复峰值反向电压 Maximum repetitive peak reverse voltage 最大均方根电压 Maximum RMS voltage 最大直流阻断电压 Maximum DC blocking voltage 最大正向平均整流电流 Maximum average forward rectified current 峰值正向浪涌电流 8.3ms单一正弦半波 Peak forward surge current 8.3 ms single half sine-wave 典型热阻 Typical thermal resistance 工作结温和存储温度 符号 Symbols 单位 Unit Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A Operating junction and storage temperature range Tj, TSTG 大昌电子 DACHANG ELECTRONICS RθJC TC =100℃ 典型结电容 VR = 4.0V, f = 1MHz 特征 Features ·反向漏电流低 Low reverse leakage ·正向浪涌承受能力较强 High forward surge capability 机械数据 Mechanical Data ·封装: 塑料封装 Case: Molded Plastic ·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body ·安装位置: 任意 Mounting Position: Any ·浪涌承受能力:120A S urge overload rating: 120 Amperes peak ·引线和管体皆符合RoHS标准 。 Lead and body according with RoHS standard ·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m KBJ 4A 50 50 35 10 500 TA = 125℃ KBJ4A ...... KBJ4M SIYU R KBJ 4B KBJ 4D KBJ 4G KBJ 4J KBJ 4K KBJ 4M 100 100 70 200 200 140 400 400 280 600 600 420 800 800 560 1000 1000 700 KBJ 4A KBJ 4B KBJ 4D KBJ 4G KBJ 4J KBJ 4K KBJ 4M + ~ ~- .995(25.3) .983(24.7) .134(3.4) .122(3.1) .057(1.45) .041(1.05) .083(2.1) .069(1.7) .043(1.1) .035(0.9) .303(7.7) .287(7.3) .303(7.7) .287(7.3) .303(7.7) .287(7.3) Unit:inch(mm) .031(0.8) .023(0.6) .114(2.8) .098(2.5) .150(3.8) .134(3.4) .150(3.8) .134(3.4) .189(4.8) .173(4.4) KBJ |
Similar Part No. - KBJ4G |
|
Similar Description - KBJ4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |