Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-31-15IRC-850 Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # AL-31-15IRC-850
Description  LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

AL-31-15IRC-850 Datasheet(HTML) 2 Page - Lucky Light Electronic

  AL-31-15IRC-850_15 Datasheet HTML 1Page - Lucky Light Electronic AL-31-15IRC-850_15 Datasheet HTML 2Page - Lucky Light Electronic AL-31-15IRC-850_15 Datasheet HTML 3Page - Lucky Light Electronic AL-31-15IRC-850_15 Datasheet HTML 4Page - Lucky Light Electronic AL-31-15IRC-850_15 Datasheet HTML 5Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-31-15IRC-850
Diff No.
3 mm
High Power
Type:LED Lamps
2
2008/3/20
Chip
LED Parts P/N.
Material
Emitted Color
Lens Color
AL-31-15IRC-850
GaAlAs
Infrared
Water Clear
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
50
mA
Operating Temperature
Topr
-55 to +100
Storage Temperature
Tstg
-55 to +100
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
PD
120
mW
Peak Forward Current
Duty 1/10@1KHz)
IF(Peak)
1
A
Reverse Voltage
VR
5
V
Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ. Max. Unit Condition
Radiant Intensity
PO
75
mW/sr IF=50mA
Viewing Angle
2θ1/2
15
deg
Note
Peak Wavelength
λ
p
850
nm
IF=50mA
Spectrum Radiation Bandwidth
△λ
50
nm
IF=50mA
Forward Voltage
VF
1.5
1.6
V
IF=50mA
Reverse Current
IR
10
µA
VR=5V
Note : θ1/2 is the off-axis angle at which the luminous is half the axial luminous intensity.


Similar Part No. - AL-31-15IRC-850_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-31-15IRC-850 A-BRIGHT-AL-31-15IRC-850_08 Datasheet
318Kb / 5P
   3mm High Power LED Lamps
2008/3/20
More results

Similar Description - AL-31-15IRC-850_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com