Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1998C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1998C
Description  2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998C Datasheet(HTML) 6 Page - Linear Technology

  LTC1998C Datasheet HTML 1Page - Linear Technology LTC1998C Datasheet HTML 2Page - Linear Technology LTC1998C Datasheet HTML 3Page - Linear Technology LTC1998C Datasheet HTML 4Page - Linear Technology LTC1998C Datasheet HTML 5Page - Linear Technology LTC1998C Datasheet HTML 6Page - Linear Technology LTC1998C Datasheet HTML 7Page - Linear Technology LTC1998C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1998
6
1998fa
PIN FUNCTIONS
BATT (Pin 1): Battery Voltage to be monitored. Supply
current is also drawn from this pin. Board layout should
connect this pin to the battery(+) terminal, through a trace
that does not conduct load current.
GND (Pin 2): Ground should be connected to the battery
(–) terminal through a trace that does not conduct load
return current.
VTH.A(Pin3): ThresholdAdjustPin.Adjuststhelowbattery
threshold voltage, VBATT.Th = 2.5V + (VTH.A/2). VTH.A can be
supplied by a voltage source or a resistor divider.
VH.A (Pin 4): Hysteresis Adjust. Hysteresis threshold
voltage VTH2 = 2.5V + (VH.A/2). VH.A can be supplied by
a voltage source or resistor divider. VH.A must always be
programmed to a higher potential than VTH.A. Hysteresis
voltage, VHYST = VTH2 – VBATT.Th.
VLOGIC (Pin 5): Positive Supply Voltage for Output Driver.
This voltage can be driven from an external logic supply
or tied to BATT.
BATTLO (Pin 6): Output of Comparator. Low for BATT
< VBATT.Th (low battery threshold voltage). Output state
guaranteed for VBATT ≥ 1.5V.


Similar Part No. - LTC1998C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998CS6 LINER-LTC1998CS6 Datasheet
138Kb / 12P
   2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998CS6-PBF LINER-LTC1998CS6-PBF Datasheet
138Kb / 12P
   2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998CS6-TR LINER-LTC1998CS6-TR Datasheet
138Kb / 12P
   2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998CS6-TRPBF LINER-LTC1998CS6-TRPBF Datasheet
138Kb / 12P
   2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
More results

Similar Description - LTC1998C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998_1 Datasheet
138Kb / 12P
   2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
   SOT-23 Comparator and Voltage Reference for Battery Monitoring
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com