Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-103BG4C Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # AL-103BG4C
Description  LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

AL-103BG4C Datasheet(HTML) 1 Page - Lucky Light Electronic

  AL-103BG4C_15 Datasheet HTML 1Page - Lucky Light Electronic AL-103BG4C_15 Datasheet HTML 2Page - Lucky Light Electronic AL-103BG4C_15 Datasheet HTML 3Page - Lucky Light Electronic AL-103BG4C_15 Datasheet HTML 4Page - Lucky Light Electronic AL-103BG4C_15 Datasheet HTML 5Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-103BG4C
Diff No.
10 mm
Round
Type : LED Lamps
2009/2/25
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different color,
intensities, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-103BG4C_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103BG4C A-BRIGHT-AL-103BG4C_09 Datasheet
238Kb / 5P
   10 mm Round LED Lamps
2009/2/25
More results

Similar Description - AL-103BG4C_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com