Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-544VD2I-V1-4D-T Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-544VD2I-V1-4D-T
Description  Ultra Red LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-544VD2I-V1-4D-T Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-544VD2I-V1-4D-T_15 Datasheet HTML 1Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 2Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 3Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 4Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 5Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 6Page - Lucky Light Electronic LL-544VD2I-V1-4D-T_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: B546X270
Rev No: V.2
Date: Jul/30/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Features:
High luminous intensity output.
Oval shape.
Well defined spatial radiation.
Wide viewing angle(2θ1/2): 60o/30o.
Reliable and robust.
The product itself will remain within RoHS complaint Version.
Descriptions:
This precision optical performance oval LED is specially designed for
passenger information signs.
The LED lamps are available with different colors, intensities.
Superior performance in outdoor environment.
Applications:
Single or dual color graphic signs.
Message boards.
Variable message signs(VMS).
Commercial outdoor advertising.
High luminous intensity output.
Oval shape.
Well defined spatial radiation.
Wide viewing angle(2θ1/2): 110o/40o.
Reliable and robust.
The product itself will remain within RoHS complaint Version.
This precision optical performance oval LED is specially designed for passenger
information signs.
The LED lamps are available with different colors, intensities.
Superior performance in outdoor environment.
Single or dual color graphic signs.
Message boards.
Variable message signs(VMS).
Commercial outdoor advertising.


Similar Part No. - LL-544VD2I-V1-4D-T_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-544VD2I-V1-4D-T LUCKY-LIGHT-LL-544VD2I-V1-4D-T Datasheet
133Kb / 7P
   5.2횞3.8mm Elliptical Wide Angle Type Ultra Red LED Technical Data Sheet
LL-544VD2I-V1-4D-T LUCKY-LIGHT-LL-544VD2I-V1-4D-T Datasheet
133Kb / 7P
   Ultra Red LED
More results

Similar Description - LL-544VD2I-V1-4D-T_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-544VD2I-V1-1A LUCKY-LIGHT-LL-544VD2I-V1-1A_15 Datasheet
133Kb / 7P
   Ultra Red LED
LL-434VD2J-V1-4I-T LUCKY-LIGHT-LL-434VD2J-V1-4I-T_15 Datasheet
137Kb / 7P
   Ultra Red LED
LL-483VC1C-V1-TS LUCKY-LIGHT-LL-483VC1C-V1-TS Datasheet
133Kb / 7P
   Ultra Red LED
LL-544VD2I-V1-1A LUCKY-LIGHT-LL-544VD2I-V1-1A Datasheet
133Kb / 7P
   Ultra Red LED
LL-544VD2I-V1-3B-T LUCKY-LIGHT-LL-544VD2I-V1-3B-T Datasheet
133Kb / 7P
   Ultra Red LED
LL-544VD2I-V4-1B-T LUCKY-LIGHT-LL-544VD2I-V4-1B-T Datasheet
133Kb / 7P
   Ultra Red LED
LL-544VD2I-V1-3B-T LUCKY-LIGHT-LL-544VD2I-V1-3B-T_15 Datasheet
133Kb / 7P
   Ultra Red LED
LL-434VD2J-V1-3B-T LUCKY-LIGHT-LL-434VD2J-V1-3B-T_15 Datasheet
137Kb / 7P
   Ultra Red LED
LL-483VC1C-V1-TS LUCKY-LIGHT-LL-483VC1C-V1-TS_15 Datasheet
133Kb / 7P
   Ultra Red LED
LL-544VD2I-V1-4I LUCKY-LIGHT-LL-544VD2I-V1-4I_15 Datasheet
133Kb / 7P
   Ultra Red LED
LL-434VD2J-V1-3B-T LUCKY-LIGHT-LL-434VD2J-V1-3B-T Datasheet
137Kb / 7P
   Ultra Red LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com