Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-804PGC2C-G5-2C Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-804PGC2C-G5-2C
Description  Pure Green LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-804PGC2C-G5-2C Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-804PGC2C-G5-2C_15 Datasheet HTML 1Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 2Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 3Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 4Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 5Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 6Page - Lucky Light Electronic LL-804PGC2C-G5-2C_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No: B800X305
Rev No:V.2
Date: Sep/26/2005
Page: 3 OF 7
Approved: JoJo
Checked:Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(.010″)mm unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04″) max.
4. Specifications are subject to change without notice.
Part No.
Material
Lens Color
Source Color
LL-804PGC2C-G5-2C
InGaN
Water Clear
Pure Green


Similar Part No. - LL-804PGC2C-G5-2C_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-804PGC2C-G5-2C LUCKY-LIGHT-LL-804PGC2C-G5-2C Datasheet
140Kb / 7P
   8mm Round With Flange Type Pure Green LED Technical Data Sheet
LL-804PGC2C-G5-2C LUCKY-LIGHT-LL-804PGC2C-G5-2C Datasheet
140Kb / 7P
   Pure Green LED
More results

Similar Description - LL-804PGC2C-G5-2C_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304PGC2L-G5-2C LUCKY-LIGHT-LL-304PGC2L-G5-2C Datasheet
134Kb / 7P
   Pure Green LED
LL-1004PGC2D-G5-2C LUCKY-LIGHT-LL-1004PGC2D-G5-2C Datasheet
170Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-3G LUCKY-LIGHT-LL-304PGC2L-G5-3G_15 Datasheet
134Kb / 7P
   Pure Green LED
LL-434PGD2J-G5-2C-T LUCKY-LIGHT-LL-434PGD2J-G5-2C-T_15 Datasheet
137Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-2C LUCKY-LIGHT-LL-304PGC2L-G5-2C_15 Datasheet
134Kb / 7P
   Pure Green LED
LL-304PGC4B-G5-3BD LUCKY-LIGHT-LL-304PGC4B-G5-3BD_15 Datasheet
132Kb / 7P
   Pure Green LED
LL-434PGD2J-G5-3G-T LUCKY-LIGHT-LL-434PGD2J-G5-3G-T Datasheet
137Kb / 7P
   Pure Green LED
LL-484PGC1C-G5-3B LUCKY-LIGHT-LL-484PGC1C-G5-3B Datasheet
135Kb / 7P
   Pure Green LED
LL-304PGC4B-G5-3GD LUCKY-LIGHT-LL-304PGC4B-G5-3GD Datasheet
132Kb / 7P
   Pure Green LED
LL-544PGD2I-G5-2C-T LUCKY-LIGHT-LL-544PGD2I-G5-2C-T Datasheet
134Kb / 7P
   Pure Green LED
LL-304PGC2L-G5-3G LUCKY-LIGHT-LL-304PGC2L-G5-3G Datasheet
134Kb / 7P
   Pure Green LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com