Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM340N06 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM340N06
Description  60V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM340N06 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM340N06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM340N06 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM340N06
60V N-Channel Power MOSFET
4/9
Version: D14
Electrical Characteristics Curve
Normalized Transient Impedance (TO-220)
Maximum Safe Operation Area (TO-220)
Normalized Transient Impedance (TO-251S)
Maximum Safe Operation Area (TO-251S)
Normalized Transient Impedance (TO-252)
Maximum Safe Operation Area (TO-252)
Square Wave Pulse Duration (s)
VDS, Drain to Source Voltage (V)
Square Wave Pulse Duration (s)
VDS, Drain to Source Voltage (V)
Square Wave Pulse Duration (s)
VDS, Drain to Source Voltage (V)


Similar Part No. - TSM340N06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3400 TSC-TSM3400 Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3400CXRF TSC-TSM3400CXRF Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3401 TSC-TSM3401 Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401 TSC-TSM3401 Datasheet
349Kb / 6P
   30V P-Channel MOSFET
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM340N06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
   60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
   60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
   60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com