Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM340N06CHX0G Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TSM340N06CHX0G
Description  60V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM340N06CHX0G Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

  TSM340N06CHX0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM340N06CHX0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TSM340N06
60V N-Channel Power MOSFET
9/9
Version: D14
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC
’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TSM340N06CHX0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3400 TSC-TSM3400 Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3400CXRF TSC-TSM3400CXRF Datasheet
247Kb / 6P
   30V N-Channel MOSFET
TSM3401 TSC-TSM3401 Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401 TSC-TSM3401 Datasheet
349Kb / 6P
   30V P-Channel MOSFET
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM340N06CHX0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
   60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
   60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
   60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com