Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2410C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2410C
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2410C Datasheet HTML 7Page - Linear Technology LTC2410C Datasheet HTML 8Page - Linear Technology LTC2410C Datasheet HTML 9Page - Linear Technology LTC2410C Datasheet HTML 10Page - Linear Technology LTC2410C Datasheet HTML 11Page - Linear Technology LTC2410C Datasheet HTML 12Page - Linear Technology LTC2410C Datasheet HTML 13Page - Linear Technology LTC2410C Datasheet HTML 14Page - Linear Technology LTC2410C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC2410
11
synchronized with an outside source, the LTC2410 can
operate with an external conversion clock. The converter
automatically detects the presence of an external clock
signal at the FO pin and turns off the internal oscillator. The
frequency fEOSC of the external signal must be at least
2560Hz (1Hz notch frequency) to be detected. The exter-
nal clock signal duty cycle is not significant as long as the
minimum and maximum specifications for the high and
low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2410 provides better than 110dB
normal mode rejection in a frequency range fEOSC/2560
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/2560
is shown in Figure 4.
Whenever an external clock is not present at the FO pin the
converter automatically activates its internal oscillator and
enters the Internal Conversion Clock mode. The LTC2410
operation will not be disturbed if the change of conversion
clock source occurs during the sleep state or during the
data output state while the converter uses an external
serial clock. If the change occurs during the conversion
state, the result of the conversion in progress may be
outside specifications but the following conversions will
not be affected. If the change occurs during the data output
state and the converter is in the Internal SCK mode, the
serial clock duty cycle may be affected but the serial data
stream will remain valid.
Table 3 summarizes the duration of each state and the
achievable output data rate as a function of FO.
SERIAL INTERFACE PINS
The LTC2410 transmits the conversion results and re-
ceives the start of conversion command through a syn-
chronous 3-wire interface. During the conversion and
sleep states, this interface can be used to assess the
converter status and during the data output state it is used
to read the conversion result.
Table 3. LTC2410 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
133ms, Output Data Rate
≤ 7.5 Readings/s
(60Hz Rejection)
FO = HIGH
160ms, Output Data Rate
≤ 6.2 Readings/s
(50Hz Rejection)
External Oscillator
FO = External Oscillator
20510/fEOSCs, Output Data Rate ≤ fEOSC/20510 Readings/s
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH Until CS = LOW and SCK
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.67ms
(Internal Oscillator)
(32 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 256/fEOSCms
Frequency fEOSC kHz
(32 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 32/fSCKms
Frequency fSCK kHz
(32 SCK cycles)
Figure 4. LTC2410 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC
APPLICATIO S I FOR ATIO
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/2560(%)
–12
–8
–4
048
12
2410 F04
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140


Similar Part No. - LTC2410C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410CGN LINER-LTC2410CGN Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
More results

Similar Description - LTC2410C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com