Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED420 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED420
Description  Visible LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED420 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED420 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED420 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
21.11.2011
LED420-series
2 of 8
Characteristics of Radiant Intensity (Ta=25°C)
Type
Viewing
Half Angle
Brightness / Radiation Intensity (IF = 20 mA)
Outer
Dimension
Dimension
Figure
[Unit: mW/sr]
Min.
Typ.
Max.
LED420-01
±8°
60
Ø 5
1
LED420-02
±5°
60
Ø 5
2
LED420-03
±10°
40
Ø 5
3
LED420-04
±20°
12
Ø 5
4
LED420-05
±50°
4
Ø 5
5
LED420-06
±4°
90
Ø 5
6
LED420-09
±25° (long)
Ø 5
7
±10° (short)
Oval
LED420-46
Ø 5
8
LED420-41
±14°
Ø 4
9
LED420-42
±20°
Ø 4
10
LED420-31
Ø 3
11
LED420-33
±13°
18
Ø 3
12
LED420-34
Ø 3
13
LED420-36
±25°
9
Ø 3
14
* Radiant Power is measured by S3584-08
* Radiant Intensity is measured by Ando Optical Multi Meter AQ2140 & AQ2741
The above specifications are for reference purpose only and subjected to change without prior notice.
Outer Dimensions
Figure-1 Ø 5Mold (Type 01)
Figure-2 Ø 5Mold (Type 02)
Figure-3 Ø 5Mold (Type 03)
Figure-4 Ø 5Mold (Type 04)


Similar Part No. - LED420

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED420-66-60-110 ROITHNER-LED420-66-60-110 Datasheet
128Kb / 1P
   High Power LED Array
More results

Similar Description - LED420

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
   Visible LED
logo
Roithner LaserTechnik G...
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
   Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
   Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
   Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
   Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
   Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
   Visible LED
logo
Roithner LaserTechnik G...
LED680 ROITHNER-LED680 Datasheet
1Mb / 8P
   Visible LED
SMC770 ROITHNER-SMC770 Datasheet
134Kb / 2P
   Visible LED
logo
Marktech Corporate
MTE6066N5 MARKTECH-MTE6066N5_15 Datasheet
652Kb / 4P
   Visible LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com