Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM900N06 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM900N06
Description  60V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM900N06 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM900N06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM900N06 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM900N06
60V N-Channel Power MOSFET
2/8
Version: B14
Thermal Performance
Parameter
Symbol
Limit
Unit
IPAK
DPAK
SOT-223
Thermal Resistance - Junction to Case
RӨJC
5
5
30
°C/W
Thermal Resistance - Junction to Ambient
RӨJA
62
62
70
°C/W
Electrical Specifications (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
60
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 6A
RDS(ON)
--
76
90
m
Ω
VGS = 4.5V, ID = 3A
--
87
100
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.2
1.8
2.5
V
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
IDSS
--
--
1
µA
VDS = 48V, TJ = 125°C
--
--
10
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
µA
Forward Transconductance
VDS = 10V, ID = 3A
gfs
--
4
--
S
Dynamic
Total Gate Charge
(Note 4,5)
VDS = 48V, ID = 6A,
VGS = 10V
Qg
--
9.3
--
nC
Gate-Source Charge
(Note 4,5)
Qgs
--
2.1
--
Gate-Drain Charge
(Note 4,5)
Qgd
--
1.8
--
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
Ciss
--
500
--
pF
Output Capacitance
Coss
--
45
--
Reverse Transfer Capacitance
Crss
--
16
--
Gate Resistance
VGS=0V, VDS=0V, f=1MHz
Rg
--
2
--
Ω
Switching
Turn-On Delay Time
(Note 4,5)
VDD = 30V , VGS = 10V ,
RG = 3.3W, ID = -1A
td(on)
--
2.9
--
ns
Turn-On Rise Time
(Note 4,5)
tr
--
9.5
--
Turn-Off Delay Time
(Note 4,5)
td(off)
--
18.4
--
Turn-Off Fall Time
(Note 4,5)
tf
--
5.3
--
Source-Drain Diode Ratings and Characteristic
Continuous Drain-Source Diode
VG = VD = 0V, Force Current
IS
--
--
11
A
Pulse Drain-Source Diode
ISM
--
--
44
A
Diode-Source Forward Voltage
VGS = 0V, IS = 1A
VSD
--
--
1.2
V
Reverse Recovery Time
(Note 4)
VGS = 30V, IS = 1A
dIF/dt = 100A/µs
trr
--
23.2
--
ns
Reverse Recovery Charge
(Note 4)
Qrr
--
14.3
--
nC
Note:
1.
Limited by maximum junction temperature.
2.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
3.
VDD=25V,VGS=10V,L=1mH,IAS=7A.,RG=25W,Starting TJ= 25°C
4.
Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%
5.
Essentially independent of operating temperature.


Similar Part No. - TSM900N06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM900N10 TSC-TSM900N10 Datasheet
447Kb / 7P
   N-Channel Power MOSFET
TSM900N10CHX0G TSC-TSM900N10CHX0G Datasheet
447Kb / 7P
   N-Channel Power MOSFET
TSM900N10CPROG TSC-TSM900N10CPROG Datasheet
447Kb / 7P
   N-Channel Power MOSFET
More results

Similar Description - TSM900N06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
   60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
   60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
   60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
   60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com