Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC690C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC690C
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC690C Datasheet HTML 2Page - Linear Technology LTC690C Datasheet HTML 3Page - Linear Technology LTC690C Datasheet HTML 4Page - Linear Technology LTC690C Datasheet HTML 5Page - Linear Technology LTC690C Datasheet HTML 6Page - Linear Technology LTC690C Datasheet HTML 7Page - Linear Technology LTC690C Datasheet HTML 8Page - Linear Technology LTC690C Datasheet HTML 9Page - Linear Technology LTC690C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC690/LTC691
LTC694/LTC695
PI FU CTIO S
PFO: Power Failure Output from C3. PFO remains high
when PFI is above 1.3V and goes low when PFI is below
1.3V. When VCC is lower than VBATT, C3 is shut down and
PFO is forced low.
RESET: Logic Output for
µP Reset Control. Whenever VCC
falls below either the reset voltage threshold (4.65V,
typically) or VBATT, RESET goes active low. After VCC
returns to 5V, reset pulse generator forces RESET to
remain active low for a minimum of 35ms for the LTC690
/LTC691 (140ms for the LTC694/LTC695). When the
watchdog timer is enabled but not serviced prior to a
preset time-out period, reset pulse generator also forces
RESET to active low for a minimum of 35ms for the
LTC690/LTC691 (140ms for the LTC694/5) for every
preset time-out period (see Figure 11). The reset active
time is adjustable on the LTC691/LTC695. An external
push-button reset can be used in connection with the
RESET output. See Push-Button Reset in Applications
Information section.
RESET: RESET is an active high logic ouput. It is the
inverse of RESET.
LOW LINE: Logic Output from Comparator C1. LOW LINE
indicates a low line condition at the VCC input. When VCC
falls below the reset voltage threshold (4.65V typically),
LOW LINE goes low. As soon as VCC rises above the reset
voltage threshold, LOW LINE returns high (see Figure 1).
LOW LINE goes low when VCC drops below VBATT (see
Table 1).
WDI: Watchdog Input, WDI, is a three level input. Driving
WDI either high or low for longer than the watchdog time-
out period, forces both RESET and WDO low. Floating WDI
disables the watchdog timer. The timer resets itself with
each transition of the watchdog input (see Figure 11).
WDO: Watchdog Logic Output. When the watchdog input
remains either high or low for longer than the watchdog
time-out period, WDO goes low. WDO is set high whenever
there is a transition on the WDI pin, or LOW LINE goes low.
The watchdog timer can be disabled by floating WDI (see
Figure 11).
CE IN: Logic input to the Chip Enable gating circuit. CE IN
can be derived from microprocessor’s address line and/or
decoder output. See Applications Information section and
Figure 5 for additional information.
CE OUT: Logic Output on the Chip Enable Gating Circuit.
When VCC is above the reset voltage threshold, CE OUT is
a buffered replica of CE IN. When VCC is below the reset
voltage threshold CE OUT is forced high (see Figure 5).
OSC SEL: Oscillator Selection Input. When OSC SEL is
high or floating, the internal oscillator sets the reset active
time and watchdog time-out period. Forcing OSC SEL low,
allows OSC IN be driven from an external clock signal or
external capacitor be connected between OSC IN and
GND.
OSC IN: Oscillator Input. OSC IN can be driven by an
external clock signal or external capacitor can be connected
between OSC IN and GND when OSC SEL is forced low. In
this configuration the nominal reset active time and
watchdog time-out period are determined by the number
of clocks or set by the formula (see Applications Information
section). When OSC SEL is high or floating, the internal
oscillator is enabled and the reset active time is fixed at
50ms typical for the LTC691 and 200ms typical for the
LTC695. OSC IN selects between the 1.6 seconds and
100ms typical watchdog time-out periods. In both cases,
the time-out period immediately after a reset is 1.6 seconds
typical.


Similar Part No. - LTC690C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690CN8-PBF LINER-LTC690CN8-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC690CN8PBF LINER-LTC690CN8PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC690CS8-PBF LINER-LTC690CS8-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC690CS8PBF LINER-LTC690CS8PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC690C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com