Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC694C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC694C
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC694C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC694C Datasheet HTML 7Page - Linear Technology LTC694C Datasheet HTML 8Page - Linear Technology LTC694C Datasheet HTML 9Page - Linear Technology LTC694C Datasheet HTML 10Page - Linear Technology LTC694C Datasheet HTML 11Page - Linear Technology LTC694C Datasheet HTML 12Page - Linear Technology LTC694C Datasheet HTML 13Page - Linear Technology LTC694C Datasheet HTML 14Page - Linear Technology LTC694C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC690/LTC691
LTC694/LTC695
Power-Fail Warning
The LTC690 family generates a Power Failure Output
(PFO) for early warning of failure in the microprocessor's
power supply. This is accomplished by comparing the
Power Failure Input (PFI) with an internal 1.3V reference.
PFO goes low when the voltage at the PFI pin is less than
1.3V. Typically PFI is driven by an external voltage divider
(R1 and R2 in Figures 8 and 9) which senses either an
unregulated DC input or a regulated 5V output. The voltage
divider ratio can be chosen such that the voltage at the PFI
pin falls below 1.3V several milliseconds before the 5V
supply falls below the maximum reset voltage threshold
4.75V. PFO is normally used to interrupt the microproces-
sor to execute shutdown procedure between PFO and
RESET or RESET.
The power-fail comparator, C3, does not have hysteresis.
Hysteresis can be added however, by connecting a resis-
tor between the PFO output and the noninverting PFI input
pin as shown in Figures 8 and 9. The upper and lower trip
points in the comparator are established as follows:
When PFO output is low, R3 sinks current from the
summing junction at the PFI pin.
When PFO output is high, the series combination of R3 and
R4 source current into the PFI summing junction.
Example 1: The circuit in Figure 8 demonstrates the use of
the power-fail comparator to monitor the unregulated
power supply input. Assuming the the rate of decay of the
supply input VIN is 100mV/ms and the total time to execute
a shutdown procedure is 8ms. Also the noise of VIN is
200mV. With these assumptions in mind, we can reason-
ably set VL = 7.5V which 1.25V greater than the sum of
maximum reset voltage threshold and the dropout voltage
S
APPLICATI
I FOR ATIO
V = 1.3V 1+
R1
R2
R1
R3
H
+


V
1.3V 1
R1
R2
(5V – 1.3V)R1
1.3V(R3 R4)
L =+
+


Assuming R4
R3,V
5V
R1
R3
HYSTERESIS
<<
=
5V
3V
0.1
µF
10
µF
VBATT
VCC
LTC691
LTC695
VOUT
GND
690 F06
VCC
RESET
CE IN
CE OUT
RESET
0.1
µF
TO
µP
FROM DECODER
CS
20ns PROPAGATION DELAY
62512
RAM
GND
+
Figure 6. A Typical Nonvolatile CMOS RAM Application
Figure 9. Monitoring
Regulated DC Supply
with the LTC690's Power-Fail Comparator
10
µF
10
µF
VIN VOUT
ADJ
1690 F09
0.1
µF
TO
µP
LT1086-5
VIN ≥ 6.5V
R4
10k
R1
27k
R3
2.7M
R2
8.2k
5V
R5
3.3k
VCC
GND
PFO
PFI
LTC690/LTC691
LTC694/LTC695
+
+
10
µF
100
µF
VIN
VOUT
ADJ
690 F08
VCC
0.1
µF
TO
µP
PFO
GND
LT1086-5
VIN ≥ 7.5V
R4
10k
PFI
LTC690/LTC691
LTC694/LTC695
R1
51k
R2
10k
R3
300k
5V
+
+
Figure 8. Monitoring
Unregulated DC Supply
with the LTC690's Power-Fail Comparator
5V
3V
0.1
µF
10
µF
VBATT
VCC
LTC690
LTC694
VOUT
GND
690 F07
VCC
RESET
0.1
µF
CS
62128
RAM
CS1
CS2
GND
+
Figure 7. Write Protect for RAM with LTC690 or LTC694


Similar Part No. - LTC694C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC694CN8-3.3 LINER-LTC694CN8-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC694CN8-PBF LINER-LTC694CN8-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC694CN8PBF LINER-LTC694CN8PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC694CS8-PBF LINER-LTC694CS8-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC694CS8PBF LINER-LTC694CS8PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC694C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com