Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7759C Datasheet(PDF) 7 Page - NEC

Part # UPD7759C
Description  ADPCM SPEECH SYNTHESIZER LSIs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7759C Datasheet(HTML) 7 Page - NEC

Back Button UPD7759C Datasheet HTML 3Page - NEC UPD7759C Datasheet HTML 4Page - NEC UPD7759C Datasheet HTML 5Page - NEC UPD7759C Datasheet HTML 6Page - NEC UPD7759C Datasheet HTML 7Page - NEC UPD7759C Datasheet HTML 8Page - NEC UPD7759C Datasheet HTML 9Page - NEC UPD7759C Datasheet HTML 10Page - NEC UPD7759C Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
µPD7759
7
Input leak current
| ILI |3
µA
10
mA
20
µA
1mA
10
µA
DC CHARACTERISTICS (Ta = –10 to +70
°C, VDD = 2.7 to 5.5 V, fOSC = 640 kHz)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level output voltage
VOH
IOH = –100
µAVDD –0.5
V
Low-level output voltage
VOL
VDD = 5 V
± 10 %, IOL = 1.6 mA
0.4
V
I0 to I7, ST, CS, WR, ASD0
to ASD7, MD
Output leak current
| ILO |
BUSY, A0 to A8
3
µA
(Stand alone, slave mode)
VDD = 5 V
(Standby mode)
VDD = 5 V
Supply current
IDD
(Stand alone, slave mode)
2.7 V
VDD
3.5 V
(Standby mode)
2.7 V
VDD
3.5 V
VDD = 2.7 V, RREF = 0
140
250
440
µA
VDD = 5.5 V, RREF = 0
500
760
1200
µA
Reference input current Note
IREF
VDD = 2.7 V, RREF = 50 k
21
30
39
µA
VDD = 5.5 V, RREF = 50 k
68
78
88
µA
2.7 V
VDD
5.5 V
VAVO = 2.0 V, D/A input: 1 FFH
0 V
VAVO
VDD
in the standby mode
Note Measuring circuit
D/A converter output current
IAVO
32 IREF
34 IREF
36 IREF
µA
D/A converter output leak current
| ILD |5
µA
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
VDD
REF
AVO
IAVO
IREF
RREF


Similar Part No. - UPD7759C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77533 RENESAS-UPD77533 Datasheet
763Kb / 104P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD7759C

ManufacturerPart #DatasheetDescription
logo
Winbond
W523X WINBOND-W523X Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
logo
List of Unclassifed Man...
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
   Speech Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com