Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC693I Datasheet(PDF) 3 Page - Linear Technology

Part # LTC693I
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC693I Datasheet(HTML) 3 Page - Linear Technology

  LTC693I Datasheet HTML 1Page - Linear Technology LTC693I Datasheet HTML 2Page - Linear Technology LTC693I Datasheet HTML 3Page - Linear Technology LTC693I Datasheet HTML 4Page - Linear Technology LTC693I Datasheet HTML 5Page - Linear Technology LTC693I Datasheet HTML 6Page - Linear Technology LTC693I Datasheet HTML 7Page - Linear Technology LTC693I Datasheet HTML 8Page - Linear Technology LTC693I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC692/LTC693
ELECTRICAL C
C
HARA TERISTICS
VCC = Full Operating Range, VBATT = 2.8V, TA = 25°C, unless otherwise noted.
PARAMETER
CONDITONS
MIN
TYP
MAX
UNITS
Battery Backup Switching
Operating Voltage Range
VCC
4.50
5.50
V
VBATT
2.00
4.00
V
VOUT Output Voltage
IOUT = 1mA
VCC – 0.05
VCC – 0.005
V
q
VCC – 0.10
VCC – 0.005
V
IOUT = 50mA
VCC – 0.50
VCC – 0.250
V
VOUT in Battery Backup Mode
IOUT = 250µA, VCC < VBATT
VBATT – 0.1
VBATT – 0.02
V
Supply Current (Exclude IOUT)IOUT ≤ 50mA
0.6
1.5
mA
q
0.6
2.5
mA
Supply Current in Battery Backup Mode
VCC = 0V, VBATT = 2.8V
0.04
1
µA
q
0.04
5
µA
Battery Standby Current
5.5 > VCC > VBATT + 0.2V
– 0.1
0.02
µA
(+ = Discharge, – = Charge)
q
– 1.0
0.10
µA
Battery Switchover Threshold
Power Up
70
mV
VCC – VBATT
Power Down
50
mV
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage (Note 4)
ISINK = 3.2mA
0.4
V
BATT ON Output Short-Circuit Current (Note 4)
BATT ON = VOUT Sink Current
35
mA
BATT ON = 0V Source Current
0.5
1
25
µA
Reset and Watchdog Timer
Reset Voltage Threshold
q
4.25
4.40
4.50
V
Reset Threshold Hysteresis
40
mV
Reset Active Time
OSC SEL HIGH, VCC = 5V
160
200
240
ms
(Note 5)
q
140
200
280
ms
Watchdog Time-Out Period,
Long Period, VCC = 5V
1.2
1.6
2.00
sec
Internal Oscillator
q
1.0
1.6
2.25
sec
Short Period, VCC = 5V
80
100
120
ms
q
70
100
140
ms
Watchdog Time-Out Period, External Clock
Long Period
4032
4097
Clock
(Note 6)
Short Period
960
1025
Cycles
Reset Active Time PSRR
1
ms/V
Watchdog Time-Out Period PSRR, Internal OSC
1
ms/V
Minimum WDI Input Pulse Width
VIL = 0.4V, VIH = 3.5V
q
200
ns
RESET Output Voltage At VCC = 1V
ISINK = 10µA, VCC = 1V
4
200
mV
RESET and LOW LINE Output Voltage
ISINK = 1.6mA, VCC = 4.25V
0.4
V
(Note 4)
ISOURCE = 1µA, VCC = 5V
3.5
V
RESET and WDO Output Voltage
ISINK = 1.6mA, VCC = 5V
0.4
V
(Note 4)
ISOURCE = 1µA, VCC = 4.25V
3.5
V


Similar Part No. - LTC693I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC693 LINER-LTC693 Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC6930 LINER-LTC6930 Datasheet
178Kb / 12P
   32.768kHz to 8.192MHz Precision 關Power Oscillators
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
More results

Similar Description - LTC693I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com