Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20150CT Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MBRF20150CT
Description  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF20150CT Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MBRF20150CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF20150CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
肖特基二极管
正向电流
20 A
MBRF
20150CT
150
150
105
3.5
150
20
0.75
0.10
310
SIYU R
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Schottky Barrier Rectifier
Reverse Voltage 40 to 200 V
Forward Current 20A
最大正向电压
最大反向电流
TJ= 25℃
V
mA
pF
IR
Maximum forward voltage
Maximum reverse current
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
VF
IF =10A
大昌电子
DACHANG ELECTRONICS
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
典型结电容
VR = 4.0V, f = 1MHz
Type junction capacitance
Cj
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
15
TJ= 100℃
Unit:mm
ITO-220AB
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
MBRF
20100CT
100
100
70
MBRF
2060CT
60
60
42
MBRF
2050CT
50
50
35
MBRF
2045CT
45
45
31
MBRF
2040CT
40
40
28
0.63
0.85
MBRF2040CT ...... MBRF20200CT
反向电压
40---200V
MBRF
20200CT
200
200
140
MBRF
20150CT
MBRF
20100CT
MBRF
2060CT
MBRF
2050CT
MBRF
2045CT
MBRF
2040CT
MBRF
20200CT
0.95
0.99
0.15
150
400
1.5


Similar Part No. - MBRF20150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20150CT TSC-MBRF20150CT Datasheet
210Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF20150CT KERSEMI-MBRF20150CT Datasheet
921Kb / 2P
   Plastic material used carries Underwriters Laboratory Classifications 94V-0
logo
Foshan Blue Rocket Elec...
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
   Schottky Diode in a TO-220F Plastic Package
logo
Taiwan Semiconductor Co...
MBRF20150CT TSC-MBRF20150CT Datasheet
122Kb / 2P
   Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF20150CT SMC-MBRF20150CT Datasheet
118Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBRF20150CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com