Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1660 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MUR1660
Description  Plastic Ultra-Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MUR1660 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MUR1660 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MUR1660 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600
200
400
200
400
600
140
280
420
2.0
150
16
V
μA
IR
最大正向电压
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=125℃
Maximum forward voltage
Maximum reverse current
VF
-55---+150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
MUR1610 ...... MUR1660
反向电压
100---600V
正向电流
16A
Reverse Voltage 100 to 600 V
Forward Current 16 A
MUR1610
MUR1640
MUR1660
IF = 16A
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
最大反向恢复时间
nS
trr
IF=0.5A IR=1.0A IREC=0.25A
MAX. Reverse Recovery Time
1.00
1.30
1.50
10
35
50
塑封超快速整流二极管
Plastic Ultra-Fast Recover Rectifier
MUR1620
100
100
70
MUR1610
MUR1640
MUR1660
MUR1620
大昌电子
DACHANG ELECTRONICS
12
.420(10.67)
.380(9.65)
.270(6.86)
.230(5.84)
.138(3.5)
MAX
.028(0.7)
.019(0.5)
Φ.138(3.5)
Φ.118(3.0)
.109(2.79)
.090(2.29)
.109(2.79)
.090(2.29)
.500(12.70)
MIN
.115(2.92)
.080(2.03)
.025(0.65)
MAX
.625(15.88)
.560(14.22)
.054(1.4)
.045(1.14)
.189(4.8)
.138(3.5)
Unit:inch(mm)
TO-220AC
1
2
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
3.0
250
SIYU R


Similar Part No. - MUR1660

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR1660 DACHANG-MUR1660 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
logo
RFE international
MUR1660 RFE-MUR1660 Datasheet
1Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1640 Through MUR1660
09-08-2020
logo
Kersemi Electronic Co.,...
MUR1660 KERSEMI-MUR1660 Datasheet
815Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier
MUR1660 KERSEMI-MUR1660 Datasheet
816Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1660 KERSEMI-MUR1660 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - MUR1660

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
MUR1040 EMMICRO-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Kersemi Electronic Co.,...
MUR1040 KERSEMI-MUR1040 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
DFRF20A20CT DACHANG-DFRF20A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60CT DACHANG-DUFF10A60CT_15 Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
EGP10A DACHANG-EGP10A_15 Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF10A20CT DACHANG-DFRF10A20CT_15 Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR1010 DACHANG-MUR1010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
MUR2010 DACHANG-MUR2010_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DUFF10A60 DACHANG-DUFF10A60_15 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFR10A20 DACHANG-DFR10A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFRF15A20 DACHANG-DFRF15A20_15 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com