Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE6.8 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # P6KE6.8
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P6KE6.8 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  P6KE6.8 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P6KE6.8 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P6KE6.8 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P6KE6.8 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIYU R
P6KE6.8 ...... P6KE440A
W
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
Pppm
Minimum 600
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature
Power Dissipation
100
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
A
IFSM
3.5
V
VF
最大瞬间正向电压
IF = 50A
Maximum Instantaneous Forward Voltage
20
/W
RθJA
典型热阻
Typical Thermal Resistance Junction-to-lead
Tj, TSTG
-5
5 --- +175
工作结温和存储温度
Operating Junction And Storage Temperature Range
瞬间电压抑制二极管
Transient Voltage Suppressors
Breakdown Voltage 6.8 to 440V
特征
Features
机械数据 Mechanical Data
转折电压
6.8 --- 440V
·高温焊接保证
High temperature soldering guaranteed:
265℃/10 秒, 0.375" (9.5mm)引线长度。
265℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
·塑料封装
Plastic package
·极好的钳位能力
Excellent clamping capability
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
1000
57.1
200
48.0
50
37.0
7.48
10
7.14
10
8.25
10
7.88
10
9.02
10
8.61
10
10.0
1.0
9.55
1.0
11.0
1.0
10.5
1.0
12.1
1.0
11.6
5.0
44.8
P6KE 6.8
P6KE 6.8A
P6KE 7.5
P6KE 7.5A
1000
500
500
200
50
10
10
5.0
55.6
51.3
53.1
49.6
43.5
40.0
41.4
38.5
1.0
7.78
8.10
7.02
7.37
6.40
6.63
5.80
6.05
9.40
8.55
8.92
5.50
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
6.12
6.45
6.75
7.13
7.38
7.79
8.19
8.65
9.00
9.50
9.90
10.5
10.8
10.5
12.5
16.2
13.4
11.7
11.3
12.1
13.8
15.0
14.5
15.6
0.068
0.073
0.065
0.068
0.061
0.065
0.057
0.061
0.075
0.073
0.075
0.057
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
最大温度系数
Maximum
Temperature
Coefficient
ID (μA)
IPPM (A)
VC (V)
% / ℃
P6KE 8.2
P6KE 8.2A
P6KE 9.1
P6KE 9.1A
P6KE 10
P6KE 10A
P6KE 11
P6KE 11A
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P6KE6.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE6.8 TSC-P6KE6.8 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE6.8 PANJIT-P6KE6.8 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE6.8 ZSELEC-P6KE6.8 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Diotec Semiconductor
P6KE6.8 DIOTEC-P6KE6.8 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE6.8

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com