Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA2A Datasheet(PDF) 3 Page - Marktech Corporate

Part # CLA2A
Description  PLCC4 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLA2A Datasheet(HTML) 3 Page - Marktech Corporate

  CLA2A_15 Datasheet HTML 1Page - Marktech Corporate CLA2A_15 Datasheet HTML 2Page - Marktech Corporate CLA2A_15 Datasheet HTML 3Page - Marktech Corporate CLA2A_15 Datasheet HTML 4Page - Marktech Corporate CLA2A_15 Datasheet HTML 5Page - Marktech Corporate CLA2A_15 Datasheet HTML 6Page - Marktech Corporate CLA2A_15 Datasheet HTML 7Page - Marktech Corporate CLA2A_15 Datasheet HTML 8Page - Marktech Corporate CLA2A_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 SMD LED
CLA2A-WKW
VF BIN LIMIT (I
F = 2 x 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of VF is ±0.05V.
Cool White
Bin Code
Min. (mcd)
Max. (mcd)
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
Cool White
Bin Code
Min. (V)
Max. (V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
INTENSITY BIN LIMIT (I
F = 2 x 20 mA)


Similar Part No. - CLA2A_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA2A-WKW-CXbZ0153 CREE-CLA2A-WKW-CXbZ0153 Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA2A-WKW-CYaZ0343 CREE-CLA2A-WKW-CYaZ0343 Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA2A-WKW-CYaZ0453 CREE-CLA2A-WKW-CYaZ0453 Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA2A-WKW-CYbZ0343 CREE-CLA2A-WKW-CYbZ0343 Datasheet
649Kb / 10P
   PLCC4 SMD LED
More results

Similar Description - CLA2A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
   PLCC4 SMD LED
logo
Cree, Inc
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
   PLCC4 SMD LED
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
logo
Visual Communications C...
VAOS-SP4W4 VCC-VAOS-SP4W4 Datasheet
490Kb / 7P
   PLCC4 SMD TYPE LED
logo
SunLED Corporation
XZMECBDDG45SHTA SUNLED-XZMECBDDG45SHTA Datasheet
431Kb / 10P
   3.5x2.8mm PLCC4 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com