Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B140HW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B140HW
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140HW Datasheet(HTML) 3 Page - Diodes Incorporated

  B140HW_15 Datasheet HTML 1Page - Diodes Incorporated B140HW_15 Datasheet HTML 2Page - Diodes Incorporated B140HW_15 Datasheet HTML 3Page - Diodes Incorporated B140HW_15 Datasheet HTML 4Page - Diodes Incorporated B140HW_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B140HW
Document number: DS30670 Rev. 10 - 2
3 of 5
www.diodes.com
April 2015
© Diodes Incorporated
B140HW
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1.0
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 1 Forward Power Dissipation
IPK
IAV
= 1 (DC)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 125ºC
j
T = 25ºC
j
T = 100ºC
j
T =
ºC
j
75
Fig. 3 Typical Reverse Characteristics
0.01
0.1
1
10
100
1,000
0
5
10
15
20
25
30
35
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 125°C
j
T = 100°C
j
T = 75°C
j
T = 25°C
j
10
100
1,000
0.1
1.0
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
150
Note 5
Note 8
Note 6
100
10
1
0.1
1,000
10,000
0
50
100
150
T , JUNCTION TEMPERATURE (°C)
Fig. 6 Typical Reverse Current vs. Junction Temperature
J
25
75
125


Similar Part No. - B140HW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140HW-7 DIODES-B140HW-7 Datasheet
82Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30670 Rev. 5 - 2
B140HW-7 DIODES-B140HW-7 Datasheet
131Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B140HWQ DIODES-B140HWQ Datasheet
265Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B140HWQ-7 DIODES-B140HWQ-7 Datasheet
265Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B140HW DIODES-B140HW_08 Datasheet
131Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B140HW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com